Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9062-CF Datasheet(PDF) 39 Page - Gennum Corporation

Part # GS9062-CF
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062-CF Datasheet(HTML) 39 Page - Gennum Corporation

Back Button GS9062-CF Datasheet HTML 35Page - Gennum Corporation GS9062-CF Datasheet HTML 36Page - Gennum Corporation GS9062-CF Datasheet HTML 37Page - Gennum Corporation GS9062-CF Datasheet HTML 38Page - Gennum Corporation GS9062-CF Datasheet HTML 39Page - Gennum Corporation GS9062-CF Datasheet HTML 40Page - Gennum Corporation GS9062-CF Datasheet HTML 41Page - Gennum Corporation GS9062-CF Datasheet HTML 42Page - Gennum Corporation GS9062-CF Datasheet HTML 43Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
39 of 46
3.10.2 Data Read and Write Timing
Read and write mode timing for the GSPI interface is shown in Figure 3-9 and
Figure 3-10 respectively. The maximum SCLK frequency allowed is 6.6MHz.
When writing to the registers via the GSPI, the MSB of the data word may be
presented to SDIN immediately following the falling edge of the LSB of the
command word. All SDIN data is sampled on the rising edge of SCLK.
When reading from the registers via the GSPI, the MSB of the data word will be
available on SDOUT 12ns (t
5 in Figure 3-9) following the falling edge of the LSB of
the command word, and thus may be read by the host on the very next rising edge
of the clock. The remaining bits are clocked out by the GS9062 on the negative
edges of SCLK.
Figure 3-9: GSPI Read Mode Timing
Figure 3-10: GSPI Write Mode Timing
3.10.3 Configuration and Status Registers
Table 3-11 summarizes the GS9062's internal status and configuration registers.
All of these registers are available to the host via the GSPI and are all individually
addressable.
Where status registers contain less than the full 16 bits of information however, two
or more registers may be combined at a single logical address.
SDOUT
R/W
RSV
RSV
A0
A1
A2
A3
A4
A5
RSV
RSV
RSV
RSV
RSV
RSV
D15
D14
D13
D12
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D10
SCLK
CS
SDIN
RSV
t0
t2
t3
input data
setup time
duty
cycle
t4
period
t5
t6
output data
hold time
R/W
RSV
RSV
A0
A1
A2
A3
A4
A5
RSV
RSV
RSV
RSV
RSV
RSV
D15
D14
D13
D12
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D10
SCLK
CS
SDIN
RSV
t0
t2
t3
input data
setup time
duty
cycle
t4
period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com