Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS9062-CF Datasheet(PDF) 41 Page - Gennum Corporation

Part # GS9062-CF
Description  HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9062-CF Datasheet(HTML) 41 Page - Gennum Corporation

Back Button GS9062-CF Datasheet HTML 37Page - Gennum Corporation GS9062-CF Datasheet HTML 38Page - Gennum Corporation GS9062-CF Datasheet HTML 39Page - Gennum Corporation GS9062-CF Datasheet HTML 40Page - Gennum Corporation GS9062-CF Datasheet HTML 41Page - Gennum Corporation GS9062-CF Datasheet HTML 42Page - Gennum Corporation GS9062-CF Datasheet HTML 43Page - Gennum Corporation GS9062-CF Datasheet HTML 44Page - Gennum Corporation GS9062-CF Datasheet HTML 45Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
GS9062 Data Sheet
22209 - 7
February 2007
41 of 46
Alternatively, if the test capabilities are to be used in the system, the host may still
control the JTAG/HOST input signal, but some means for tri-stating the host must
exist in order to use the interface at ATE. This is represented in Figure 3-12.
Figure 3-12: System JTAG
Please contact your Gennum representative to obtain the BSDL model for the
GS9062.
3.12 Device Power Up
Because the GS9062 is designed to operate in a multi-volt environment, any power
up sequence is allowed. The charge pump, phase detector, core logic, serial digital
output buffers and digital I/O buffers should all be powered up within 1ms of one
another.
Device pins may also be driven prior to power up without causing damage.
To ensure that all internal registers are cleared upon power-up, the RESET_TRST
signal must be held LOW for a minimum of 1ms after the core power supply has
reached the minimum level specified in the DC Electrical Characteristics Table.
See Table 2-1. See Figure 3-13.
3.13 Device Reset
In order to initialize all internal operating conditions to their default states the
RESET_TRST
signal must be held LOW for a minimum of t
reset = 1ms.
When held in reset, all device outputs will be driven to a high-impedance state.
Figure 3-13: Reset Pulse
Application HOST
GS9062
CS_TMS
SCLK_TCK
SDIN_TDI
SDOUT_TDO
JTAG_HOST
In-circuit ATE probe
Tri-State
CORE_VDD
RESET_TRST
treset
+1.65V
+1.8V
Reset
Reset
treset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com