Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXF Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # BXF
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

BXF Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  BXF Datasheet HTML 1Page - RUBYCON CORPORATION BXF Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
BXF
SERIES
BXF
◆SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency Coefficient
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−25∼+105℃
160∼450V.DC
±20%
(20℃,
120Hz)
I=0.04CV+100μA (After 1 minute application of rated voltage)
I=0.02CV+25μA (After 5 minutes application of rated voltage)
Rated Voltage
tanδ
0.15
160
0.15
200
0.15
250
0.20
350
0.20
400
0.20
450
Rated Voltage
Z
(−25℃)
/Z
(20℃)
160 200 250 350 400 450
333666
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 10000 hours at 105℃,
the capacitors shall meet the following requirement.
Load Life : 105℃ 10000 hours.
◆FEATURES
・20mm height Max.
・High Ripple Current.
・For Electronic Ballast, Power Supply.
・RoHS compliance.
(20℃,
120Hz)
(120Hz)
(Hz)
Frequency
Coefficient
1k
120
10k 100k≦
0.30 0.60 0.90
0.40
10∼18μF
22∼82μF
0.70 0.90
0.45
100∼220μF
0.75 0.90
1.00
1.00
1.00
◆PART NUMBER
□□□
Rated Voltage
BXF
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Rated Capacitance
M
Capacitance Tolerance
◆OPTION
I=(μA)
Leakage Current
Rated Capacitance
C=(μF)
Rated Voltage
V=(V)
PET Sleeve
Code
Blank


Similar Part No. - BXF

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXF200 ARTESYN-BXF200 Datasheet
59Kb / 3P
72-132W Wide Input DC/DC Converters
BXF200-48S1V8L ARTESYN-BXF200-48S1V8L Datasheet
59Kb / 3P
72-132W Wide Input DC/DC Converters
BXF200-48S2V0L ARTESYN-BXF200-48S2V0L Datasheet
59Kb / 3P
72-132W Wide Input DC/DC Converters
BXF200-48S2V5L ARTESYN-BXF200-48S2V5L Datasheet
59Kb / 3P
72-132W Wide Input DC/DC Converters
BXF250 ARTESYN-BXF250 Datasheet
59Kb / 3P
90-165W Wide Input DC/DC Converters
More results

Similar Description - BXF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com