Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXF Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # BXF
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

BXF Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  BXF Datasheet HTML 1Page - RUBYCON CORPORATION BXF Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
Size
Ripple
160
(2C)
200
(2D)
250
(2E)
Cap(μF)
47
68
82
100
100
180
220
33
47
56
68
82
120
180
27
39
47
56
56
100
120
10×16
10×20
16×16
12.5×20
18×16
16×20
18×20
10×16
10×20
16×16
12.5×20
18×16
16×20
18×20
10×16
10×20
16×16
12.5×20
18×16
16×20
18×20
650
800
1350
1350
1550
1800
2250
650
800
1350
1350
1550
1800
2250
650
800
1350
1350
1550
1800
2250
φD
φd
F
10
0.6
0.8
5.0
7.5
12.5 16
18
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
BXF
WV
(V.DC)
Cap(μF)
WV
(V.DC)
Size
Ripple
350
(2V)
400
(2G)
450
(2W)
18
22
27
33
33
56
82
12
18
18
27
27
47
56
10
15
15
22
22
33
47
10×16
10×20
16×16
12.5×20
18×16
16×20
18×20
10×16
10×20
16×16
12.5×20
18×16
16×20
18×20
10×16
10×20
16×16
12.5×20
18×16
16×20
18×20
450
500
780
850
960
1200
1300
450
500
780
850
960
1200
1300
350
400
700
700
850
970
1170
Size φD×L(mm), Ripple Current (mA r.m.s./105℃, 100kHz)
◆STANDARD SIZE
L+2MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE(PET)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com