Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSU Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # LSU
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LSU Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  LSU Datasheet HTML 1Page - RUBYCON CORPORATION LSU Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆SPECIFICATIONS
◆PART NUMBER
−25∼+85℃
350∼500V.DC
±20%
(20℃,
120Hz)
(20℃,
120Hz)
WV
φD
350∼450
500
51
0.20
0.25
64
0.25
0.30
77
0.25
0.30
90
0.25
0.30
SERIES
LSU
85℃ 5000 hours, Screw Terminal Type
◆FEATURES
Load Life : 85℃ 5000 hours.
RoHS compliance.
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Items
Characteristics
I=(μA)
Leakage Current
V=(V)
Rated Voltage
C=(μF)
Rated Capacitance
□□□
Rated Voltage
LSU
Series
□□□□□
Rated Capacitance
M
Capacitance Tolerance
□□□
Option
◆MULTIPLIER FOR RIPPLE CURRENT
(Hz)
Frequency
Coefficient
60
120
300
500
1k
350∼450WV
500WV
0.80
0.80
1.00
1.00
1.17
1.15
1.23
1.20
1.30
1.25
1.40
1.30
10k≦
 Frequency Coefficient
φD
51
64
77
90
34.0
40.0
47.0
54.0
40.0
45.0
53.0
60.0
3.5
4.5
4.5
4.5
6.0
7.0
6.0
6.0
12
12
12
14
W1
W2
W3
W4
W5
21.8
28.2
31.4
31.4
51
64
77
90
32.5
38.0
44.5
50.8
37.5
43.0
49.0
56.0
4.5
4.5
4.5
4.5
6.0
8.0
7.0
8.0
12
14
14
16
21.8
28.2
31.4
31.4
F
◆Dimensions in mm (not to scale)
(mm)
□□
Clamp Code
〈I type〉
2012_A
I=3 CV or 5mA whichever is smaller.    (After 5 minutes application of rated voltage)
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 5000 hours at 85℃,
the capacitors shall meet the following requirements.
L±3
Plate
Clamp
Sleeve
Case
Screw
Terminal Bolt
Mounting
Plate
〈Y type〉
L±3
Clamp
Sleeve
Case Screw
Terminal
Bolt
Mounting
W5
M5 P=0.8Bolt
F±1
W3
Vent
Clamp
Bolt
F±1
W4
W3
Vent
W5
Clamp
Bolt
M5 P=0.8Bolt
D×L
Case Size


Similar Part No. - LSU

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
LSU1A HONEYWELL-LSU1A Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
LSU1E HONEYWELL-LSU1E Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
logo
Siemens Semiconductor G...
LSU260 SIEMENS-LSU260 Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
LSU260-EO SIEMENS-LSU260-EO Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
logo
Honeywell Solid State E...
LSU2B HONEYWELL-LSU2B Datasheet
11Mb / 38P
MICRO SWITCH Heavy-Duty Limit Switch
2018 06/18
More results

Similar Description - LSU

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
KXF RUBYCON-KXF Datasheet
257Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com