Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSU Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # LSU
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

LSU Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  LSU Datasheet HTML 1Page - RUBYCON CORPORATION LSU Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
350V
400V
450V
500V
1500
1200
51×98
51×118
51×138
51×148
64×119
64×139
77×121
90×191
90×191
90×221
1800
2200
2700
3300
3900
3400
4700
5600
6800
8200
10000
12000
15000
18000
20000
64×189
77×141
77×151
90×121
77×191
90×141
7.8
8.7
9.8
10.8
12.9
14.3
17.8
30.6
36.2
40.1
17.7
19.8
21.8
25.8
24.6
28.8
51×98
51×118
51×138
51×148
64×119
77×126
64×139
90×151
90×191
90×221
90×241
101×253
64×189
77×141
77×151
90×121
77×191
90×141
6.9
7.7
8.6
9.5
11.5
10.4
12.7
27.9
31.5
35.8
38.9
42.2
15.4
17.5
19.2
22.9
21.4
25.4
51×98
51×118
51×138
64×119
64×139
64×149
77×121
77×151
90×191
90×221
90×241
77×141
90×121
13.8
15.8
64×149
77×121
77×191
90×141
6.5
7.4
8.3
10.1
11.3
12.5
15.3
17.4
25.1
27.9
30.0
17.0
18.1
19.2
21.0
51×98
51×118
51×148
64×119
64×139
64×149
77×131
90×131
90×191
90×221
90×241
77×151
90×121
77×191
90×151
5.6
6.3
7.1
8.5
9.6
10.5
13.3
19.5
24.5
27.4
30.1
14.8
17.8
18.1
21.7
WV
(V.DC)
Cap
(μF)
◆STANDARD SIZE
Ripple Current (A r.m.s./120Hz, 85℃)
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU
Case Size φD×L(mm)
Please refer to page 145 about recommended tightening torque and permissible current of terminal.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com