Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1FS4 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D1FS4
Description  Schottky Rectifiers (SBD) (40V 1.1A)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D1FS4 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D1FS4 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D1FS4 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D1FS4 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D1FS4 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D1FS4 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D1FS4 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D1FS4 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd D1FS4 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd D1FS4 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
D1FS4
40V 1.1A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
Case : 1F
Unit : mm
OUTLINE DIMENSIONS
APPLICATION
Switching power supply
DC/DC converter
Home Appliances, Office Equipment
Telecommunication
Small SMT
Tj150℃
PRRSM avalanche guaranteed
FEATURES
●Absolute Maximum Ratings (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
Operating Junction Temperature
Tj
150
Maximum Reverse Voltage
VRM
40
V
Repetitive Peak Surge Reverse Voltage
VRRSM
Pulse width 0.5ms, duty 1/40
45
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load
Ta=51℃ On alumina substrate
1.1
A
50Hz sine wave, R-load
Ta=44℃ On glass-epoxy substrate
0.85
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=125℃
30
A
Repetitive Peak Surge Reverse Power
PRRSM
Pulse width 10μs, Tj=25℃
160
W
●Electrical Characteristics (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=1.1A,
Pulse measurement
Max.0.55
V
Reverse Current
IR
VR=VRM,
Pulse measurement
Max.1
mA
Junction Capacitance
Cj
f=1MHz,
VR=10V
Typ.65
pF
θjl
junction to lead
Max.23
Thermal Resistance
θja
junction to ambient On alumina substrate
Max.108
℃/W
junction to ambient On glass-epoxy substrate
Max.157
Schottky Rectifiers (SBD)
Single


Similar Part No. - D1FS4

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1FS4 SHINDENGEN-D1FS4 Datasheet
594Kb / 2P
Schottky Barrier Diode
D1FS4A SHINDENGEN-D1FS4A Datasheet
546Kb / 10P
Schottky Rectifiers (SBD) (40V 1.5A)
D1FS4A SHINDENGEN-D1FS4A Datasheet
604Kb / 2P
Schottky Barrier Diode
D1FS4A SHINDENGEN-D1FS4A_10 Datasheet
604Kb / 2P
Schottky Barrier Diode
D1FS4 SHINDENGEN-D1FS4_10 Datasheet
594Kb / 2P
Schottky Barrier Diode
More results

Similar Description - D1FS4

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10SC4MR SHINDENGEN-D10SC4MR Datasheet
694Kb / 11P
Schottky Rectifiers (SBD) (40V 10A)
D120SC4M SHINDENGEN-D120SC4M Datasheet
16Kb / 1P
Schottky Rectifiers (SBD) (40V 120A)
D180SC4M SHINDENGEN-D180SC4M Datasheet
17Kb / 1P
Schottky Rectifiers (SBD) (40V 180A)
D1FS6 SHINDENGEN-D1FS6 Datasheet
730Kb / 11P
Schottky Rectifiers (SBD) (60V 1.1A)
D1NS4 SHINDENGEN-D1NS4 Datasheet
552Kb / 10P
Schottky Rectifiers (SBD) (40V 1A)
D2S4M SHINDENGEN-D2S4M Datasheet
587Kb / 11P
Schottky Rectifiers (SBD) (40V 2A)
D30SC4M SHINDENGEN-D30SC4M Datasheet
589Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
DF30SC4M SHINDENGEN-DF30SC4M Datasheet
535Kb / 10P
Schottky Rectifiers (SBD) (40V 30A)
S10SC4M SHINDENGEN-S10SC4M Datasheet
566Kb / 10P
Schottky Rectifiers (SBD) (40V 10A)
S20SC4M SHINDENGEN-S20SC4M Datasheet
592Kb / 10P
Schottky Rectifiers (SBD) (40V 20A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com