Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2A Datasheet(PDF) 1 Page - Micronetics, Inc.

Part # ST2A
Description  Noise Diodes 10 kHz to 3000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONETICS [Micronetics, Inc.]
Direct Link  http://www.micronetics.com
Logo MICRONETICS - Micronetics, Inc.

ST2A Datasheet(HTML) 1 Page - Micronetics, Inc.

  ST2A Datasheet HTML 1Page - Micronetics, Inc. ST2A Datasheet HTML 2Page - Micronetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Noise Diodes
ST2A
10 kHz to 3000 MHz
Specifications
RF Frequency
10 kHz to 3000 MHz
Noise Output
33 dB Min (10 KHz to 1 MHz) ENR
30 dB min (1 MHz to 100 MHz) ENR
28 db min (100 MHz to 3 GHz) ENR
Noise Spectral Density (No)
-146 dBm/Hz Min
Flatness
2 dB P-P Max
Bias Voltage
5.2 nominal V
Supply Current
4 mA Max
Impedance
50 ohms
Package and Connectivity
Construction
SMT SOT23
Environmental
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 125 °C
Notes
Specifications subject to change without notice
Micronetics, Inc. | Hudson, NH | Tel: 1-603-883-2900 | www.Micronetics.com


Similar Part No. - ST2A

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ST2 MICRONETICS-ST2 Datasheet
90Kb / 2P
Legacy 10 kHz to 3000 MHz
logo
Switchcraft, Inc.
ST2 SWITCH-ST2 Datasheet
875Kb / 4P
EH Series Audio/Video/Data CONNECTORS
logo
E-SWITCH
ST2 E-SWITCH-ST2 Datasheet
122Kb / 1P
ST2 Series
logo
Eravant
ST2-011063N10-SF-S1 ERAVANT-ST2-011063N10-SF-S1 Datasheet
224Kb / 3P
SMA Coaxial White Gaussian Noise Generator, 0.01 to 6 GHz
Rev 1.0
logo
Superworld Electronics
ST2-10 SUPERWORLD-ST2-10 Datasheet
110Kb / 1P
POWER TRANSFORMER
More results

Similar Description - ST2A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX60-3011 MINI-ZX60-3011 Datasheet
80Kb / 2P
Low Noise Amplifier 50??400 to 3000 MHz
logo
List of Unclassifed Man...
AC3055 ETC-AC3055 Datasheet
118Kb / 2P
10 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Micronetics, Inc.
ST-4 MICRONETICS-ST-4 Datasheet
227Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
SM-1 MICRONETICS-SM-1 Datasheet
241Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 100 MHZ
ST-2A MICRONETICS-ST-2A Datasheet
227Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
ST-2 MICRONETICS-ST-2 Datasheet
40Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 3 GHZ
SM4 MICRONETICS-SM4 Datasheet
87Kb / 2P
Noise Diodes 10 kHz to 100 MHz
ST2 MICRONETICS-ST2 Datasheet
90Kb / 2P
Legacy 10 kHz to 3000 MHz
SMN7114 MICRONETICS-SMN7114 Datasheet
144Kb / 2P
Surface Mount Noise Sources 100 MHz to 3000 MHz
logo
Teledyne Technologies I...
AC3057 TELEDYNE-AC3057 Datasheet
172Kb / 2P
10 TO 3000 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com