Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8AA2A2006 Datasheet(PDF) 8 Page - Magnetrol International, Inc.

Part # 8AA2A2006
Description  Kotron짰 RF Sensing Probes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

8AA2A2006 Datasheet(HTML) 8 Page - Magnetrol International, Inc.

Back Button 8AA2A2006 Datasheet HTML 4Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 5Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 6Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 7Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 8Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 9Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 10Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 11Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 12Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Capacitance gain chart for bare flexible probe
8X2-AA1A-XXX 0.19" (5 mm) probe diameter
23
4
56
7
8
1
4
1.6
3
1.2
2
0.8
1
0.4
0
0
pF per
inch cm
Dielectric value of media
Tank diameter
inches (cm)
4 (10)
12 (30)
24 (60)
48 (120)
96 (240)
8
C A P A C I T A N C E
P I C O F A R A D
( P F )
C O N T I N U E D
G A I N
G R A P H S
Capacitance gain chart for standard flexible probe
8X1-5A1A-XXX 0.19" (5 mm) probe diameter
10
20
30
40
50
60
70
80
7
2.8
6
2.4
5
2.0
4
1.6
3
1.2
2
0.8
1
0.4
0
0
pF per
inch cm
Dielectric value of media
Tank diameter
inches (cm)
4 (10)
12 (30)
24 (60)
48 (120)
96 (240)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com