Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8AA2A2006 Datasheet(PDF) 13 Page - Magnetrol International, Inc.

Part # 8AA2A2006
Description  Kotron짰 RF Sensing Probes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

8AA2A2006 Datasheet(HTML) 13 Page - Magnetrol International, Inc.

Back Button 8AA2A2006 Datasheet HTML 9Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 10Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 11Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 12Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 13Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 14Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 15Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 16Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 17Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
8 A C
FM/CSA/ATEX, probe length in inches
Œ
8 C C
FM/CSA/ATEX, probe length in centimeters
Œ
A A
316 SS rod with ceramic seal
max +1000° F @ 500 psig/max 5000 psig @ +100° F (max +535° C @ 35 bar/max. 345 bar @ +40° C)
8
A
A
C
ROD AND SEAL MATERIAL
 Ž 
BASIC MODEL NUMBER - HIGH TEMPERATURE/HIGH PRESSURE BARE PROBE
A
High temperature/high pressure probe
B
High temperature/high pressure probe
with 1" (25 mm) 316 SS diameter stillwell (1" process connection minimum)
D
High temperature/high pressure bent probe 90° (specify L
1 and L2) (Minimum L1 length is 10.5 inches
(27 cm); probe insertion length is L
1 + L2 – 1")
CONFIGURATION STYLE
1
3⁄4" NPT (not available with Configuration Style code B)
2
1" NPT
E
G1 (1" BSP) thread
4
1"
150 lbs ANSI RF flange (not available with Configuration Style code B)
51
1⁄2"
150 lbs ANSI RF flange
6
2"
150 lbs ANSI RF flange
7
3"
150 lbs ANSI RF flange
8
4"
150 lbs ANSI RF flange
9
1"
300 lbs ANSI RF flange (not available with Configuration Style code B)
A1
1⁄2"
300 lbs ANSI RF flange
B
2"
300 lbs ANSI RF flange
C
3"
300 lbs ANSI RF flange
D
4"
300 lbs ANSI RF flange
H
DN 25 PN 16
DIN 2527 Form B flange (not available with Configuration Style code B)
J
DN 40 PN 16
DIN 2527 Form B flange
K
DN 50 PN 16
DIN 2527 Form B flange
L
DN 25 PN 25/40 DIN 2527 Form B flange (not available with Configuration Style code B)
M
DN 40 PN 25/40 DIN 2527 Form B flange
N
DN 50 PN 25/40 DIN 2527 Form B flange
PROCESS CONNECTION - 316L SS (flange socket welded to probe)
13
Œ
Bare probes cannot be installed in a hazardous area unless used with an intrinsically safe electronic circuit.

Temperature at electronics should not exceed +160° F (+70° C).
Ž
See pages 17 and 18 for other materials of construction.

Minimum temperature -40° F (-40° C)
6 to 234 inches (15 to 595 centimeters) Example: 6 inches = 006 / 60 centimeters = 060
INSERTION LENGTH specify length in 1 inch (1 cm) increments (specify in digit 2)
H I G H
T E M P E R A T U R E / H I G H
P R E S S U R E
B A R E
R I G I D
P R O B E S
M O D E L
N U M B E R
A complete measuring system consists of a:
1. Kotron electronics (switch or transmitter)
2. Kotron probe
3. Optional heat extension for process temperatures >200° F (95° C): P/N 089-6593-001 (see page 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com