Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

080-8032-322 Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # 080-8032-322
Description  Kotron짰 Tip Sensitive RF Level Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

080-8032-322 Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  080-8032-322 Datasheet HTML 1Page - Magnetrol International, Inc. 080-8032-322 Datasheet HTML 2Page - Magnetrol International, Inc. 080-8032-322 Datasheet HTML 3Page - Magnetrol International, Inc. 080-8032-322 Datasheet HTML 4Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
120 VAC; current less than .055 amp
1
240 VAC; current less than .035 amp
2
24 VDC; current less than .030 amp
DIMENSIONAL
SPECIFICATIONS
INCHES
(MM)
MODEL
NUMBER
TIP
SENSITIVE
SWITCH
3
3/4" NPT
3/4" NPT
3.50 (89)
Min. length
4.00 (102)
14.00 (356)
(std. length)
.375 (10)
Rotation
clearance
4.63
(117) Dia.
3.44 (87)
3/4" NPT
plugged
2.75
(70)
08
0
803
2
32
INPUT POWER
Agency
Model Approved
Protection Method
Area Classification
FM
080-8032-3X2
Explosion Proof
Class
I, Div. 1, Groups A, B, C & D
Class
II, Div. 1, Groups E, F & G
Class
III, NEMA 4X
CSA
080-8032-3X2
Explosion Proof
Class
I, Div. 1, Groups C & D
Class
II, Div. 1, Groups E, F & G
Class
III, TYPE 4X
AGENCY
APPROVALS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com