Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

080-8032-322 Datasheet(PDF) 2 Page - Magnetrol International, Inc.

Part # 080-8032-322
Description  Kotron짰 Tip Sensitive RF Level Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

080-8032-322 Datasheet(HTML) 2 Page - Magnetrol International, Inc.

  080-8032-322 Datasheet HTML 1Page - Magnetrol International, Inc. 080-8032-322 Datasheet HTML 2Page - Magnetrol International, Inc. 080-8032-322 Datasheet HTML 3Page - Magnetrol International, Inc. 080-8032-322 Datasheet HTML 4Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL
SPECIFICATIONS
2
Supply voltage
120 VAC, +10%, -15%, 50–60 Hz
240 VAC, +10%, -15%, 50–60 Hz
24 VAC, ±10%
Power consumption
120 VAC, less than 5 volt-amps
240 VAC, less than 5 volt-amps
24 VAC, 1 watt maximum
Zero range
0 pF (minimum) to 350 pF (maximum)
Fixed minimum differential
0.5 pF minimum
Output relays
AC
(1) Reversible SPST 120/250 VAC, 5 amp resistive
DC
(1) Reversible SPST 30 VDC, 5 amp resistive
Response time
100 milliseconds
Repeatability
Better than 1.0%
Ambient temperature at electronics
-40° to 160° F (-40° to +70° C)
Operating pressure/temperature
3000 psig @ +100° F (205 Bar @ +40° C)
2100 psig @ +160° F (145 Bar @ +70° C)
450 psig @ +250° F (31 Bar @ +120° C) horizontal mount
450 psig @ +200° F (31 Bar @ +93° C) vertical mount
Temperature coefficient
+0.05 pF per degree F (+0.09 pF per degree C)
PROBE
LENGTH
vs.
DIELECTRIC
CON STANT
At the 14" (356 mm) standard length, the
probe will operate in any material with a
dielectric constant above 2.
A minimum probe length of 4" (102 mm) is
permissible in a conductive liquid (dielectric
of 24 or greater). The full length should be
maintained in a non-conductive liquid or
bulk material.
If the geometry of your application requires
a probe shorter than 14" (356 mm), refer to
the chart at right.
27
26
25
24
26
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Total probe length (Inches)
456789
10
11121314



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com