Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

815212322 Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # 815212322
Description  RF Point Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

815212322 Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button 815212322 Datasheet HTML 17Page - Magnetrol International, Inc. 815212322 Datasheet HTML 18Page - Magnetrol International, Inc. 815212322 Datasheet HTML 19Page - Magnetrol International, Inc. 815212322 Datasheet HTML 20Page - Magnetrol International, Inc. 815212322 Datasheet HTML 21Page - Magnetrol International, Inc. 815212322 Datasheet HTML 22Page - Magnetrol International, Inc. 815212322 Datasheet HTML 23Page - Magnetrol International, Inc. 815212322 Datasheet HTML 24Page - Magnetrol International, Inc. 815212322 Datasheet HTML 25Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
50-605 Kotron RF Point Model 80/81 Level Switches
18
FM
80-80XXX-3XX
Explosion Proof
Class I, Div. 1; Groups C & D
81-80XXX-3XX
Class II, Div. 1; Groups E, F & G
(Note: This approval available with rigid
insulated probes only
All Models
Non-Hazardous
TYPE 4X
CSA
80-80XXX-3XX
Explosion Proof
Class I, Groups C & D
81-80XXX-3XX
Class II, Groups E, F, & G; Type 4X
(This approval excludes use with bare probes)
All Models
Non-Hazardous
TYPE 4X
AGENCY
MODEL APPROVED
APPROVAL CATEGORY
APPROVAL CLASSES
3.2
Agency Approvals
3.3
Specifications
3.3.1 Electrical
Description
Specification
120 VAC (+10%/-15%), 50–60 Hz
Supply voltage
240 VAC (+10%/-15%), 50–60 Hz
24 VDC (±10%)
Power consumption
7 watts maximum
Zero range
0 pF minimum
3000 pF maximum
High range
4 pF minimum
Differential range
1500 pF maximum
(wide differential only)
Low range
2 pF minimum
500 pF maximum
Fixed minimum differential
0.5 pF minimum
(narrow differential only)
Output relays DPDT
AC
10 amp @ 120/240 VAC resistive
DC
10 amp @ 24 VDC resistive
Number of relays
One
Time delay (narrow
0–3 seconds
differential only)
Response time
100 milliseconds
Ambient temperature
-40° to +160° F
at electronics
(-40° to +71° C)
Operating pressure/
Dependent upon probe selection.
temperature
Refer to probe bulletin 50-125.
Temperature coefficient of output
-40° to +160° F
+0.02 pF per degree F
(-40° to +71° C)
(+0.036 pF per degree C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com