Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

815212322 Datasheet(PDF) 22 Page - Magnetrol International, Inc.

Part # 815212322
Description  RF Point Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

815212322 Datasheet(HTML) 22 Page - Magnetrol International, Inc.

Back Button 815212322 Datasheet HTML 18Page - Magnetrol International, Inc. 815212322 Datasheet HTML 19Page - Magnetrol International, Inc. 815212322 Datasheet HTML 20Page - Magnetrol International, Inc. 815212322 Datasheet HTML 21Page - Magnetrol International, Inc. 815212322 Datasheet HTML 22Page - Magnetrol International, Inc. 815212322 Datasheet HTML 23Page - Magnetrol International, Inc. 815212322 Datasheet HTML 24Page - Magnetrol International, Inc. 815212322 Datasheet HTML 25Page - Magnetrol International, Inc. 815212322 Datasheet HTML 26Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
19
50-605 Kotron RF Point Model 80/81 Level Switches
3.3
Specifications
3.3.2 Dimensional Specifications – Integral Mounts
Inches (mm)
2.95
(75)
.1875 (5)
.2500 (6)
NEMA 4X/7/9
9.89 (251)
Rotation
Clearance
Optional
Mounting
Flange
NEMA 4X/7/9
9.91 (251)
2 Holes
.38 (10) Dia.
3.00
(76)
2.00
(51)
2.37
(60)
3.50
(89)
3.75
(95)
1/2" NPT (opt.)
3/4" NPT (std.)
Transducer/Amplifier
Cable Connection
2
3
G
G
plugged
G
plugged
G
1
Rotation
Clearance
1
B
A
A
B
Figure 10
Integral Mount with Flexible Probe
(shown with aluminum sand cast housing)
Rotation Clearance
2 Holes
.38 (10) Dia.
1/2" NPT
or 3/4" NPT
3.00
(76)
2.00
(51)
2.37
(60)
3.50
(89)
3.75
(95)
F
B
A
E
Optional
Mounting
Flange
.50 (13)
.625 (16)
C
B
A
D
Rotation
Clearance
G
2
1
1
I.L.
3
G
Figure 11
Integral Mount with Standard Rigid Probe
(shown with carbon steel housing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com