Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

815222322 Datasheet(PDF) 8 Page - Magnetrol International, Inc.

Part # 815222322
Description  RF Point Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

815222322 Datasheet(HTML) 8 Page - Magnetrol International, Inc.

Back Button 815222322 Datasheet HTML 4Page - Magnetrol International, Inc. 815222322 Datasheet HTML 5Page - Magnetrol International, Inc. 815222322 Datasheet HTML 6Page - Magnetrol International, Inc. 815222322 Datasheet HTML 7Page - Magnetrol International, Inc. 815222322 Datasheet HTML 8Page - Magnetrol International, Inc. 815222322 Datasheet HTML 9Page - Magnetrol International, Inc. 815222322 Datasheet HTML 10Page - Magnetrol International, Inc. 815222322 Datasheet HTML 11Page - Magnetrol International, Inc. 815222322 Datasheet HTML 12Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
5
50-605 Kotron RF Point Model 80/81 Level Switches
2.5.2 Integral Mount with Flexible Probe
Caution:
Flexible probes are shipped with the cable clamp and the
probe nut hand tightened. The end of a flexible probe
MUST be secured to the bottom of the tank by either
attachment to a bracket or to a heavy weight in order to
keep the probe taut.
1. Unscrew probe from probe housing. Remove Mylar® hous-
ing insulator located over the clamp. Refer to Figure 7.
Caution: Do not discard Mylar housing insulator.
2. Attach weight (if used) to probe end.
3. Insert probe end through tank mounting bushing and feed
cable into the tank. Do not allow probe insulation to be
damaged by scraping against the bushing threads.
Caution: Probe cable must not be in contact with anything metallic
in its final installation position.
4. Secure lower end of probe (or optional weight) to tank
bracket if one is used. Refer to Figure 7.
5. Apply thread sealant to mounting nut.
6. Screw mounting nut into tank bushing until tight.
Caution: Apply wrench to lower probe nut only.
NOTE: Do not allow the probe to fall in the tank while following steps
7 through 11.
7. Loosen both socket clamp screws.
8. Pull clamp and Teflon® retaining bushing off probe.
9. While holding probe cable, loosen upper probe nut.
10. Pull excess cable up through probe nuts until cable is taut.
11. Tighten the probe nuts.
12. Cut off cable 1.35 inches (34 mm) above top of upper
probe nut and strip off 1.25 inches (32 mm) of insulation.
13. Slide Teflon retaining bushing onto cable and seat it into
the upper probe nut.
14. Slide clamp onto cable and seat it in the Teflon retaining
bushing.
15. Tighten both socket head clamp screws to approximately
35 in./lbs. torque.
16. Slip Mylar housing insulator over clamp.
17. Screw housing onto probe and tighten. Make sure conduit
connection is properly aligned for wire entry.
Caution: Check probe terminal connection carefully to be certain
lug will not short to packing gland or interfere with assem-
bly of amplifier housing to probe.
18. Proceed to Section 2.7, Wiring on page 8.
Probe Connection
Screw
Socket Head
Clamp Screws (2)
Upper Probe
Mounting Gland
Lower Probe
Mounting Gland
Mylar Housing
Insulator (slips
over clamp)
Teflon
Retaining
Bushing
Clamp
Optional Weight
Tank Bracket
Connection
Optional
Mounting
Bracket
(Used w/
Insulated
Probes)
Probe Locking
Set Screw
Flexible
Probe
Probe
Termination
Figure 7
Flexible Probe Assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com