Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

815222322 Datasheet(PDF) 20 Page - Magnetrol International, Inc.

Part # 815222322
Description  RF Point Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

815222322 Datasheet(HTML) 20 Page - Magnetrol International, Inc.

Back Button 815222322 Datasheet HTML 16Page - Magnetrol International, Inc. 815222322 Datasheet HTML 17Page - Magnetrol International, Inc. 815222322 Datasheet HTML 18Page - Magnetrol International, Inc. 815222322 Datasheet HTML 19Page - Magnetrol International, Inc. 815222322 Datasheet HTML 20Page - Magnetrol International, Inc. 815222322 Datasheet HTML 21Page - Magnetrol International, Inc. 815222322 Datasheet HTML 22Page - Magnetrol International, Inc. 815222322 Datasheet HTML 23Page - Magnetrol International, Inc. 815222322 Datasheet HTML 24Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
17
50-605 Kotron RF Point Model 80/81 Level Switches
3.1.2.2 Wide differential point units
1. Turn off the power to the unit.
2. Remove the lead wire from the probe.
3. Turn the zero and span potentiometers fully clockwise.
NOTE: On wide differential units, the zero potentiometer is located
above the span potentiometer.
4. Move the probe level range jumper to the HI position
board. Refer to Figure 9 on page 9.
a. When the probe range jumper (switch) is in the HI
position, a low level is simulated. When it is in the LO
position, a high level is simulated.
b. On remote mounted units, this jumper is located inside
the probe housing on the probe preamplifier board.
Refer to Figure 9 on page 9.
6. Turn on power to the unit.
7. The red LED will be on. Turn the zero potentiometer
fully counterclockwise. Refer to Figure 10 on page 19.
8. Move the probe range jumper (switch) to the low level
position. Refer to Figure 12 on page 20. The LED will
turn off. If not, turn the span potentiometer slowly coun-
terclockwise until the LED turns off. Refer to Figure 10
on page 19.
9. The LED should now turn on and off with movement of
the jumper (switch).
10. The probe range jumper (switch) can now be switched
between the HI and LO positions and the LEDs will go
on and off. The relays will also go on and off accordingly.
If your unit operates as described above, the probe pream-
plifier board, the probe preamplifier cable and amplifier
are functioning correctly.
If your unit does NOT operate as described above, it is
malfunctioning. Perform the following checks:
1. Take DC voltage reading across probe preamplifier
terminals – should be approximately 12 VDC.
2. Take AC voltage reading across probe preamplifier
terminals – should be .1 to .2 VAC.
3. Consult factory – have test data available for discussion.
NOTE: These values can also be taken at probe preamplifier
wiring terminals on remote installations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com