Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

082-8003-404 Datasheet(PDF) 21 Page - Magnetrol International, Inc.

Part # 082-8003-404
Description  RF Level Transmitter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

082-8003-404 Datasheet(HTML) 21 Page - Magnetrol International, Inc.

Back Button 082-8003-404 Datasheet HTML 16Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 17Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 18Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 19Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 20Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 21Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 22Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 23Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 24Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
50-613 Kotron Series 82 CE RF Level Transmitter
18
2.6
Specifications
2.6.1 Electrical
Œ Consult factory for higher temperatures on remote mounted transmitter
Supply Voltage
24 VDC, (14-40 VDC)
120/240 VAC, 50-60 Hz, (+10/-15%)
Current
38 mA maximum
Line Variation
Less than ± .10%/volt, for voltages between 14-40 VDC
Ambient Temperature
-40° to +160° F (-40 to +70° C) Œ
Zero Range
1000 pF (max.), 0pF (min.)
Span Range
4000 pF (max.), 50pF (min.)
Output Linearity
50-500 pF ± 1% of span
501-1500 pF ± 2% of span
1501-4000 pF ± 1% of span
Response Time
Less than 0.1 second
Repeatability
± 0.25%
Temperature Coefficient of Output
4000 pF span: Less than 0.035%/° F (0.063%/° C)
-40° to +160° F (-40° to +70° C)
1000 pF span: Less than 0.025%/° F (0.045%/° C)
50 pF span: Less than 0.075%/° F (0.135%/° C)
Base
Meter
Shielded Twisted
Mounting
Bracket
Two-Wire Transmitter
15
3
19
5
6
1
4
14
12
13
10
11
7
2
Probe
Probe Wire
Cover
Pipe
Nipple
Base
Meter Assembly
Cover Assembly
O-Ring
O-Ring
Potted Module
Bushing
0
20
40
60
80
100
O-Ring
Base
Cover
Remote Probe Housing
16
17
Four-Wire Transmitter
1
Bracket
Transformer
Four-Wire
Power
Supply Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com