Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

082-8003-404 Datasheet(PDF) 13 Page - Magnetrol International, Inc.

Part # 082-8003-404
Description  RF Level Transmitter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

082-8003-404 Datasheet(HTML) 13 Page - Magnetrol International, Inc.

Back Button 082-8003-404 Datasheet HTML 9Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 10Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 11Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 12Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 13Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 14Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 15Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 16Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 17Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
50-613 Kotron Series 82 CE RF Level Transmitter
10
7. If 20 mA cannot be reached, individually close Span
Coarse DIP switches (in sequence), #1, #2, and #3, until
the loop current is close to (and not less than), 20 mA.
(ONLY ONE SWITCH POSITION SHOULD BE
CLOSED AT A TIME—THE OTHER TWO
POSITIONS MUST REMAIN OPEN).
8. Turn the Span Fine potentiometer counterclockwise until
the loop current is exactly 20.00 mA. If 20 mA cannot be
reached, repeat Step 6.
Calibration is now complete.
1.7.2 Calibration Procedure B
1. Move the media level in the vessel to the lowest level you
can set.
2. To determine the correct output level at this point, use the
following formula:
3. Turn the Zero Coarse potentiometer counterclockwise
until the loop output is between L1mA and
L1mA + 0.5 mA.
4. If the loop current output cannot be decreased to at least
L1mA + 0.5 mA, turn the Zero Coarse potentiometer
fully clockwise, close Zero Coarse DIP switch positions #2
and #3 sequentially (ONLY ONE SWITCH POSITION
SHOULD BE CLOSED AT A TIME—THE OTHER
TWO POSITIONS MUST REMAIN OPEN). Repeat
Step 3. See Figure 10.
5. Turn potentiometer Zero Fine counterclockwise until the
loop output reads exactly L1mA.
6. Move the media level in the vessel to the highest level you
can set.
7. To determine the correct output level at this point, use the
following formula:
8. Turn the Span Fine potentiometer counterclockwise until
the loop current reaches the desired value calculated
(L2mA) in Step 7.
9. If the desired value cannot be obtained, individually close
the Span Coarse DIP switches #1, #2, and #3, until the
loop current is as close to (and not less than), L2mA.
(ONLY ONE SWITCH POSITION SHOULD BE
CLOSED AT A TIME—THE OTHER TWO POSI-
TIONS MUST REMAIN OPEN).
10. Turn the Span Fine potentiometer counterclockwise until
the loop current is exactly L2mA.
Calibration is now complete.
L2mA = (
(L2 - L0) x 16) + 4
(L3 - L0)
L1mA = (
(L1 - L0) x 16) + 4
(L3 - L0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com