Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-230 Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # 804-R010-230
Description  Kotron짰 Sentinel Model 804 RF Level Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-230 Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  804-R010-230 Datasheet HTML 1Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 2Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 3Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 4Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 5Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 6Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 7Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Flexible Probe
2 Holes
.38 (10) Dia.
1/2" NPT
or 3/4" NPT
3.00
(76)
2.00
(51)
2.37
(60)
3.50
(89)
B
Rotation
clearance
plugged
1
A
G
E
G
F
3
Optional
mounting
flange
2
.1875 (5)
.2500 (6)
2.95
(75)
2.75
(70)
3/4" NPT
3.00
(76)
4.63
(118) Dia.
4.67
(119)
Conduit
Connections
G
NEMA 4X/7/9
(remote probe housing)
3
⁄4" NPT
Single conduit
NEMA 4X/7/9
1" NPT
Dual conduit
NOTES:
Œ Allow 8.00 (200) overhead clearance for cover removal.
 Standard process connection is 3⁄
4
" NPT. Consult probe bulletin (50-125) for
flange and other probe connections.
Ž Probe/amplifier connecting cable to be shielded, twisted pair, 22-gauge stranded
conductors, Magnetrol part number 009-7146-001; 2500 feet (760 m) maximum;
800 feet (240 m) maximum for intrinsically safe models.
Outline Dimensions
Standard Rigid Probe
Flexible Probe
Housing
AB
CD
E
F
C
D
E
F
NEMA 4X/7/9
3.87
5.93
10.89
2.44
13.44
4.11
12.33
4.71
13.44
4.11
Aluminum
(98)
(151)
(276)
(61)
(341)
(104)
(313)
(119)
(341)
(104)
Remote Mount
D I M E N S I O N A L
S P E C I F I C A T I O N S
( c o n t . )
I N C H E S
( m m )



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com