Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

804-R010-230 Datasheet(PDF) 2 Page - Magnetrol International, Inc.

Part # 804-R010-230
Description  Kotron짰 Sentinel Model 804 RF Level Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

804-R010-230 Datasheet(HTML) 2 Page - Magnetrol International, Inc.

  804-R010-230 Datasheet HTML 1Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 2Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 3Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 4Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 5Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 6Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 7Page - Magnetrol International, Inc. 804-R010-230 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
The amount of capacitance developed in any vessel is
determined by: the size (surface area) of the probe; the
distance from the probe to its ground reference; and the
dielectric constant of the medium being measured.
Considering that the probe’s mounting position is fixed
and the dielectric of the medium is constant, then the
amount of capacitance developed in any vessel becomes
dependent upon the amount of the probe which is cov-
ered with media.
As the media rises and falls in the tank, the amount of
capacitance developed between the probe and the
ground reference also changes. The capacitance signal is
converted to a frequency proportional to the change in
level. The amplifier then converts this digital signal into
an isolated 4–20 mA analog output signal.
T E C H N O L O G Y
Supply voltage
120 VAC, 50/60 Hz (+10 – 15%)
240 VAC, 50/60 Hz (+10 – 15%)
24 VDC (±10%)
Power consumption
15 VA nominal
Ambient temperature range
-40° to +160° F (-40° to +70° C)
Humidity
99% non-condensing (electronics)
Accuracy
Better than ±1.0%
Repeatability
±0.1%
Linearity
±0.5%
Temperature effect
±0.01%/° F (±0.018/° C)
Operator interface:
Data entry
16-button keypad
Display
2 line
× 16 character LCD display
Continuous Output:
Active signal
4-20 mA (isolated), reversible, 1000 ohms max. loop resistance
Passive signal
4-20 mA (isolated), reversible, loop resistance
dependent on power supply
Range
5 pF minimum; 50,000 pF maximum
Damping
0-90 seconds
Discrete output (SPDT) with gold flash contacts:
Set point range
0-50,000 pF
Adjustable differential range
0.5 pF minimum; 50,000 pF maximum
Time delay
0-90 seconds level rising, level falling, both
Relay output:
AC
10 amp @ 120/240 VAC resistive
DC
10 amp @ 30 VDC resistive
0.5 amp @ 125 VDC resistive
Maximum remote cable length:
Standard
2500 feet (760 meters)
Intrinsically safe
800 feet (240 meters)
S P E C I F I C A T I O N S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com