Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TKV Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # TKV
Description  CHIP ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

TKV Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  TKV Datasheet HTML 1Page - RUBYCON CORPORATION TKV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
TKV
SERIES
TKV
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−55∼+105℃
6.3∼35V.DC
±20%
(20℃,
120Hz)
I=0.01CV or 3μA whichever is greater.     (After 2 minutes application of rated voltage)
Rated Voltage
(20℃,120Hz)
tanδ
0.26
6.3
0.19
10
0.16
16
0.14
25
0.12
35
After applying rated voltage with rated ripple current for 2000 hours at 105℃,
the capacitors shall meet the following requirements.
105℃ Low ESR , Lead Free Reflow Soldering.
◆FEATURES
・Load Life 105℃ 2000 hours.
・Reflow soldering is available.
・Available for high density mounting
・Low ESR at 100kHzwith selected material.
・RoHS compliance.
Rated Voltage
Z
(−40℃)
/Z
(20℃)
Z
(−25℃)
/Z
(20℃)
3
6.3
3
10
3
16
3
25
3
35
22222
Z
(−55℃)
/Z
(20℃) 44433
Leakage Current
Dissipation Factor
Capacitance Change
Within ±30% of the initially measured value.
Not more than 200% of the specified value.
Not more than the specified value.
(120Hz)
◆PART NUMBER
□□□
Rated Voltage
TKV
Series
□□□
Option
D×L
Case Size
□□□□□
Rated Capacitance
M
Capacitance Tolerance
(Hz)
Frequency
Coefficient
120
1K
10K
100K≦
100∼150μF
0.50
0.80
0.95
1.00
0.60
0.85
0.95
1.00
220∼1800μF
Rated Voltage
Voltage code
6.3 10 16 25 35
jA
C
E
V
◆MARKING
Lot No.
Capacitance
Series
※Rated voltage code
Polarity of the terminals
※Voltage code
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency Coefficient
I=(μA)
Leakage Current
Rated Capacitance
C=(μF)
Rated Voltage
V=(V)
AA
470
CTK


Similar Part No. - TKV

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TKV10A TOPSTEK-TKV10A Datasheet
113Kb / 3P
Topstek Current Transducer
TKV10A-B12 TOPSTEK-TKV10A-B12 Datasheet
113Kb / 3P
Topstek Current Transducer
TKV11A TOPSTEK-TKV11A Datasheet
113Kb / 3P
Topstek Current Transducer
TKV11A-B12 TOPSTEK-TKV11A-B12 Datasheet
113Kb / 3P
Topstek Current Transducer
TKV12.5A TOPSTEK-TKV12.5A Datasheet
113Kb / 3P
Topstek Current Transducer
More results

Similar Description - TKV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25TLV470M10X10.5 RUBYCON-25TLV470M10X10.5 Datasheet
151Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
6.3TZV330M6.3X8 RUBYCON-6.3TZV330M6.3X8 Datasheet
75Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SJV RUBYCON-SJV_15 Datasheet
196Kb / 1P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SKV RUBYCON-SKV_15 Datasheet
167Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
SLV RUBYCON-SLV_15 Datasheet
212Kb / 1P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
25TZV100M6.3X8 RUBYCON-25TZV100M6.3X8 Datasheet
169Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
35TZV100M6.3X8 RUBYCON-35TZV100M6.3X8 Datasheet
169Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
6.3SZV47M5X5.5 RUBYCON-6.3SZV47M5X5.5 Datasheet
76Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
16SEV10M4X5.5 RUBYCON-16SEV10M4X5.5 Datasheet
172Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
35TZV220M8X10.5 RUBYCON-35TZV220M8X10.5 Datasheet
169Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com