Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TKV Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # TKV
Description  CHIP ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

TKV Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  TKV Datasheet HTML 1Page - RUBYCON CORPORATION TKV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
φD
L
A1 B1
C
W1
P
8 10.5 8.3 8.3 2.9 0.8∼1.1 3.1
10 10.5 10.3 10.3 3.2 0.8∼1.1 4.5
◆STANDARD SIZE
Size φDXL(mm), Ripple current(mA r.m.s./105℃,100kHz), ESR(Ω Max/20℃, 100kHz)
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
TKV
6.3
(0J)
10
(1A)
16
(1C)
Ripple
ESR
470
1000
1500
1800
330
470
680
1000
1200
330
470
680
820
850
850
1190
850
850
850
850
1190
850
850
850
1190
850
0.08
0.08
0.06
0.08
0.08
0.08
0.08
0.06
0.08
0.08
0.08
0.06
0.08
8×10.5
8×10.5
10×10.5
10×10.5
8×10.5
8×10.5
8×10.5
10×10.5
10×10.5
8×10.5
8×10.5
10×10.5
10×10.5
Size
(φDXL)
Cap
(μF)
WV
(V.DC)
25
(1E)
35
(1V)
Ripple
ESR
150
220
330
470
560
100
150
220
330
390
850
850
850
1190
850
850
850
850
1190
850
0.08
0.08
0.08
0.06
0.08
0.08
0.08
0.08
0.06
0.08
8×10.5
8×10.5
8×10.5
10×10.5
10×10.5
8×10.5
8×10.5
8×10.5
10×10.5
10×10.5
Size
(φDXL)
Cap
(μF)
WV
(V.DC)
L MAX
0.3MAX
A1
±0.2
W1
0.5MAX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com