Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VXS Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # VXS
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

VXS Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  VXS Datasheet HTML 1Page - RUBYCON CORPORATION VXS Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PET sleeve without plate
Code
EFC
(20℃,
120Hz)
Rated Voltage
tanδ
0.20
315∼450
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXS
SERIES
VXS
◆SPECIFICATIONS
◆PART NUMBER
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Charge-Discharge endurance
Items
Characteristics
−25∼+105℃
315∼450V.DC
±20%
(20℃,
120Hz)
Rated Voltage
Z
(−25℃)
/Z
(20℃)
315∼450
8
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
Within ±20% of the initial value.
VR[V]
150V:VR-150 [V]
Not more than 200% of the specified value.
Not more than the specified value.
105℃ 5000hours, Charge-Discharge Facility, Snap-in Terminal Type
◆FEATURES
・Load Life : 105℃ 5000 hours.
・Specified the endurance of 100milion times Charge-Discharge load.
・RoHS compliance.
(120Hz)
After applying rated voltage with rated ripple current for 5000 hours at 105℃,
the capacitors shall meet the following requirements.
After applying the following charge discharge load for 100milion times ,
the capacitors shall meet the following requirements.
□□□
Rated Voltage
VXS
Series
SN
Terminal Code
□□□
Option
D×L
Case Size
□□□
Rated Capacitance
M
Capacitance Tolerance
I=3 CV (After 5 minutes application of rated voltage)
(Hz)Frequency
Coefficient
60
120
500
1k
10k≦
0.80
1.00
1.20
300
1.16
1.30 1.40
315∼
450WV
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency Coefficient
◆OPTION
I=(μA)
Leakage Current
V=(V)
Rated Voltage
C=(μF)
Rated Capacitance
Rated voltage
Rated Voltage
Refer to Standard Size table
Refer to Standard Size table
Low Temperature Stability
Impedance Ration(MAX)
Charge voltage
Discharge voltage
Charge-Discharge frequency
Charge-Discharge Resistance
Capacitance Change
Dissipation Factor
Capacitance Change
Dissipation Factor
Leakage Current
Leakage Current
+D.U.T
R
R
+
V
V
VR-
+


Similar Part No. - VXS

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VXS1925 CPI-VXS1925 Datasheet
309Kb / 1P
Crossed-Field Amplifier
logo
RUBYCON CORPORATION
VXS RUBYCON-VXS_15 Datasheet
186Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - VXS

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
KXF RUBYCON-KXF Datasheet
257Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com