Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VXS Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # VXS
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

VXS Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  VXS Datasheet HTML 1Page - RUBYCON CORPORATION VXS Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WV
φD
Cap(μF)
315
350
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
◆STANDARD SIZE
Case Size φD×L(mm)
Ripple Current (A r.m.s./120Hz,105℃)
Charge-Discharge Resistance[Ω]
Charge-Discharge Frequency[Hz]
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXS
120
150
180
220
270
330
390
470
560
680
820
1000
22×25
22×30
22×35
22×40
22×45
22×50
0.82
0.95
1.11
1.28
1.45
1.62
46
41
37
34
32
30
10
10
10
10
9
8
22×25
22×30
22×35
22×40
22×45
0.74
0.89
1.02
1.17
1.34
46
41
37
34
32
10
10
10
10
10
25×25
25×30
25×30
25×35
25×40
25×45
0.85
0.99
1.08
1.25
1.43
1.61
51
38
38
35
32
30
10
10
10
10
9
8
30×25
30×30
30×35
30×35
30×40
30×45
1.12
1.34
1.53
1.65
2.06
2.11
38
42
31
31
29
27
10
8
8
7
6
6
35×25
35×30
35×30
35×35
35×40
35×45
35×50
1.29
1.51
1.58
1.87
2.11
2.40
2.69
36
32
32
29
27
25
24
10
8
8
7
6
5
5
25×25
25×30
25×35
25×40
25×45
25×50
0.98
1.17
1.35
1.53
1.73
1.99
43
38
35
32
30
28
10
9
8
7
7
6
30×25
30×30
30×30
30×35
30×40
30×45
30×50
1.22
1.44
1.55
1.78
2.21
2.29
2.66
38
34
34
31
29
27
26
9
7
6
6
5
4
4
35×25
35×30
35×35
35×40
35×45
35×50
1.5
1.67
2.0
2.49
2.59
2.92
35
31
29
27
25
24
7
6
6
4
4
4
WV
φD
Cap(μF)
385
400
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
100
120
150
180
220
270
330
390
470
560
680
22×25
22×30
22×35
22×40
22×45
22×50
0.67
0.78
0.92
1.05
1.19
1.36
46
41
37
34
32
30
10
10
10
10
10
10
22×25
22×30
22×30
22×35
22×40
22×50
0.60
0.71
0.77
0.90
1.03
1.22
46
41
41
37
34
30
10
10
10
10
10
10
22×25
22×30
22×35
22×40
22×45
22×50
0.61
0.72
0.82
0.96
1.08
1.14
46
41
37
34
32
30
10
10
10
10
10
10
25×25
25×30
25×35
25×40
25×45
0.75
0.89
1.03
1.18
1.34
42
38
35
32
30
10
10
10
10
10
30×25
30×30
30×30
30×35
30×40
30×50
0.91
1.06
1.17
1.35
1.55
1.80
38
34
34
31
29
32
10
10
10
10
10
9
35×25
35×30
35×30
35×35
35×40
35×45
35×50
1.04
1.21
1.34
1.55
1.75
1.97
2.21
35
32
32
29
27
25
24
10
10
10
10
9
8
7
25×25
25×30
25×35
25×35
25×45
25×50
0.74
0.89
1.01
1.10
1.33
1.50
42
38
35
35
30
28
10
10
10
10
10
10
30×25
30×30
30×35
30×40
30×45
30×50
0.98
1.15
1.33
1.53
1.72
1.93
38
34
31
29
27
26
10
10
10
10
9
8
35×25
35×30
35×35
35×35
35×40
35×45
1.13
1.35
1.53
1.65
1.88
2.11
35
32
29
29
27
25
10
10
10
8
7
7
22×25
22×30
22×35
22×40
22×45
0.67
0.79
0.92
1.05
1.20
46
41
37
34
32
10
10
10
10
10
25×25
25×30
25×30
25×35
25×40
25×50
0.76
0.91
0.97
1.13
1.30
1.54
42
38
38
35
32
28
10
10
10
10
10
10
30×25
30×30
30×35
30×35
30×40
30×50
1.00
1.20
1.36
1.50
1.85
1.98
38
34
31
31
29
26
10
10
9
8
8
8
35×25
35×30
35×30
35×35
35×40
35×45
35×50
1.15
1.35
1.48
1.68
1.92
2.15
2.43
35
32
32
29
27
25
24
10
10
9
8
7
7
6
25×25
25×30
25×35
25×40
25×45
0.83
0.97
1.13
1.29
1.47
43
38
35
32
30
10
10
10
10
10
30×25
30×30
30×30
30×35
30×40
30×45
30×50
1.00
1.17
1.29
1.49
1.83
1.90
2.00
38
34
34
31
29
27
26
10
10
9
8
7
7
6
35×25
35×30
35×30
35×35
35×40
35×45
35×50
1.17
1.34
1.44
1.68
1.94
2.14
2.42
43
32
32
29
27
25
24
10
10
9
8
7
7
6
WV
φD
Cap(μF)
420
450
φ22
φ25
φ30
φ35
φ22
φ25
φ30
φ35
82
100
120
150
180
220
270
330
390
470
560
◆DIMENSIONS
(mm)
MOUNTING HOLES
10±0.1
φD±1
2-φ2
10
φD±1
NEGATIVE
※
4±0.5
L±2
SLEEVE
(PET)
VENT
●SN[4(3.5)mm]terminal type
Terminal code : SN(Tin plating)
※For φ35, 3.5±0.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com