Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLJ Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # ZLJ
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

ZLJ Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  ZLJ Datasheet HTML 1Page - RUBYCON CORPORATION ZLJ Datasheet HTML 2Page - RUBYCON CORPORATION ZLJ Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
◆STANDARD SIZE
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ
Rated
Voltage
(V・DC)
Rated
capacitance (μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
(Ω MAX)
Impedance
6.3
(0J)
10
(1A)
16
(1C)
220
470
820
1000
1200
1500
1800
2700
3300
3900
4700
5600
6800
6800
8200
150
330
560
680
820
1000
1200
1800
2200
2700
3300
4700
4700
5600
5600
120
270
470
560
680
820
1000
1500
1800
2200
2700
3300
3300
3900
4700
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
345
540
945
1250
1330
1500
1760
1960
2250
2480
2900
3450
3250
3570
3630
450
700
1200
1600
1700
1960
2000
2500
2900
2600
3200
3660
3330
4120
3810
450
700
1200
1600
1700
1960
2000
2500
2900
2600
3200
3660
3330
4120
3810
0.40
0.17
0.075
0.059
0.053
0.041
0.038
0.028
0.024
0.025
0.019
0.018
0.021
0.016
0.017
0.40
0.17
0.075
0.059
0.053
0.041
0.038
0.028
0.024
0.025
0.019
0.018
0.021
0.016
0.017
0.40
0.17
0.075
0.059
0.053
0.041
0.038
0.028
0.024
0.025
0.019
0.018
0.021
0.016
0.017
1.2
0.51
0.23
0.18
0.16
0.13
0.12
0.084
0.072
0.075
0.057
0.054
0.063
0.048
0.051
1.2
0.51
0.23
0.18
0.16
0.13
0.12
0.084
0.072
0.075
0.057
0.054
0.063
0.048
0.051
1.2
0.51
0.23
0.18
0.16
0.13
0.12
0.084
0.072
0.075
0.057
0.054
0.063
0.048
0.051
Rated
Voltage
(V・DC)
Rated
capacitance (μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
(Ω MAX)
Impedance
25
(1E)
35
(1V)
50
(1H)
68
150
330
390
470
560
680
1000
1200
1500
1800
2200
2200
2700
3300
47
100
180
220
270
330
390
560
680
820
1200
1500
1500
1800
1800
27
56
100
120
150
180
220
330
390
470
680
820
820
1000
1000
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
450
700
1200
1600
1700
1960
2000
2500
2900
2600
3200
3660
3330
4120
3810
450
700
1200
1600
1700
1960
2000
2500
2900
2600
3200
3660
3330
4120
3810
310
500
950
1230
1280
1580
1650
2060
2420
2300
2800
3370
3070
3810
3510
0.40
0.17
0.075
0.059
0.053
0.041
0.038
0.028
0.024
0.025
0.019
0.018
0.021
0.016
0.017
0.40
0.17
0.075
0.059
0.053
0.041
0.038
0.028
0.024
0.025
0.019
0.018
0.021
0.016
0.017
0.48
0.22
0.12
0.082
0.073
0.058
0.053
0.038
0.032
0.032
0.025
0.023
0.026
0.021
0.022
1.2
0.51
0.23
0.18
0.16
0.13
0.12
0.084
0.072
0.075
0.057
0.054
0.063
0.048
0.051
1.2
0.51
0.23
0.18
0.16
0.13
0.12
0.084
0.072
0.075
0.057
0.054
0.063
0.048
0.051
1.5
0.66
0.36
0.25
0.22
0.18
0.16
0.12
0.10
0.10
0.080
0.074
0.084
0.067
0.070



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com