Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLJ Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # ZLJ
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

ZLJ Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  ZLJ Datasheet HTML 1Page - RUBYCON CORPORATION ZLJ Datasheet HTML 2Page - RUBYCON CORPORATION ZLJ Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
◆STANDARD SIZE
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ
Rated
Voltage
(V・DC)
Rated
capacitance (μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
(Ω MAX)
Impedance
63
(1J)
80
(1K)
18
47
82
100
120
150
180
270
270
330
390
470
560
560
680
820
12
27
47
56
68
82
100
150
150
180
220
270
330
330
390
470
470
470
560
680
680
820
820
1000
1200
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
12.5×16
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
16×25
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
12.5×16
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
12.5×40
16×25
18×20
16×31.5
16×35.5
18×25
16×40
18×31.5
18×35.5
18×40
240
420
720
990
990
1200
1200
1570
1570
1990
1990
2460
2760
2380
3040
2890
220
370
620
780
780
1040
1040
1430
1430
1620
1750
2210
2400
1950
2600
2860
2430
2270
2640
2860
2500
3510
2860
3510
3860
0.71
0.28
0.18
0.13
0.11
0.096
0.076
0.056
0.072
0.046
0.041
0.031
0.028
0.032
0.024
0.025
1.2
0.46
0.29
0.20
0.17
0.16
0.11
0.084
0.11
0.069
0.062
0.047
0.042
0.048
0.036
0.032
0.038
0.045
0.032
0.029
0.036
0.027
0.030
0.027
0.026
3.2
1.3
0.79
0.58
0.44
0.43
0.31
0.23
0.27
0.19
0.13
0.093
0.084
0.096
0.072
0.075
5.4
2.1
1.3
0.90
0.66
0.66
0.47
0.34
0.34
0.28
0.18
0.14
0.13
0.15
0.11
0.095
0.12
0.14
0.095
0.086
0.11
0.081
0.090
0.081
0.076
Rated
Voltage
(V・DC)
Rated
capacitance (μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
20℃, 100kHz −10℃, 100kHz
(Ω MAX)
Impedance
100
(2A)
8.2
18
33
47
56
68
82
100
100
120
150
220
270
270
330
390
390
390
470
470
560
560
680
680
820
5×11
6.3×11
8×11.5
8×16
10×12.5
8×20
10×16
10×20
12.5×16
10×25
12.5×20
12.5×25
12.5×30
16×20
12.5×35
12.5×40
16×25
18×20
16×31.5
18×25
16×35.5
18×31.5
16×40
18×35.5
18×40
220
370
620
780
780
1040
1040
1430
1430
1620
1750
2210
2400
1950
2600
2860
2430
2270
2640
2500
2860
2860
3510
3510
3860
1.2
0.46
0.29
0.20
0.17
0.16
0.11
0.084
0.11
0.069
0.062
0.047
0.042
0.048
0.036
0.032
0.038
0.045
0.032
0.036
0.029
0.030
0.027
0.027
0.026
5.4
2.1
1.3
0.90
0.66
0.66
0.47
0.34
0.34
0.28
0.18
0.14
0.13
0.15
0.11
0.095
0.12
0.14
0.095
0.11
0.086
0.090
0.081
0.081
0.076



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com