Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4002 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1N4002
Description  General Purpose Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4002 Datasheet(HTML) 2 Page - Vishay Siliconix

  1N4002 Datasheet HTML 1Page - Vishay Siliconix 1N4002 Datasheet HTML 2Page - Vishay Siliconix 1N4002 Datasheet HTML 3Page - Vishay Siliconix 1N4002 Datasheet HTML 4Page - Vishay Siliconix 1N4002 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88503
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 23-Feb-11
1N4001 thru 1N4007
Vishay General Semiconductor
Note
(1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, PCB mounted
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS SYMBOL 1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007 UNIT
Maximum instantaneous
forward voltage
1.0 A
VF
1.1
V
Maximum DC reverse current
at rated DC blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 125 °C
50
Typical junction capacitance
4.0 V, 1 MHz
CJ
15
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL 1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007 UNIT
Typical thermal resistance
RJA (1)
50
°C/W
RJL (1)
25
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
1N4004-E3/54
0.33
54
5500
13" diameter paper tape and reel
1N4004-E3/73
0.33
73
3000
Ammo pack packaging
0
0
25
50
75
100
125
150
175
0.2
0.4
0.6
0.8
1.0
Junction Temperature (°C)
0.375" (9.5 mm) Lead Length
0.2" x 0.2"
(5.0 mm x 5.0 mm)
Copper Pads
60 Hz Resistive
or Inductive Load
5
10
15
20
25
30
Number of Cycles at 60 Hz
1
10
100
T
A = 55 °C
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com