Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4002 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 1N4002
Description  General Purpose Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4002 Datasheet(HTML) 3 Page - Vishay Siliconix

  1N4002 Datasheet HTML 1Page - Vishay Siliconix 1N4002 Datasheet HTML 2Page - Vishay Siliconix 1N4002 Datasheet HTML 3Page - Vishay Siliconix 1N4002 Datasheet HTML 4Page - Vishay Siliconix 1N4002 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 88503
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 23-Feb-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
1N4001 thru 1N4007
Vishay General Semiconductor
Fig. 3 - Non-Repetitive Peak Forward Surge Current
Fig. 4 - Typical Instantaneous Forward Characteristics
Fig. 5 - Typical Reverse Characteristics
Fig. 6 - Typical Junction Capacitance
Fig. 7 - Typical Transient Thermal Impedance
50
75
100
50
25
125
30
25
20
15
45
40
35
10
Ambient Temperature (°C)
Square Waveform
t
p
t
p = 1 ms
t
p = 5 ms
t
p = 2 ms
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1
10
100
Instantaneous Forward Voltage (V)
T
J = 25 °C
Pulse Width = 300 μs
1 % Duty Cycle
0
0.01
0.1
1
10
100
60
80
100
20
40
1000
Percentage of Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 25 °C
T
J = 100 °C
1
10
100
Reverse Voltage (V)
0.1
1
10
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.1
10
100
1
0.01
0.1
1
10
100
t - Pulse Duration (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com