Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910 Datasheet(PDF) 3 Page - Magnetrol International, Inc.

Part # 910
Description  ECHOTEL짰CONTACTULTRASOUND
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

910 Datasheet(HTML) 3 Page - Magnetrol International, Inc.

  910 Datasheet HTML 1Page - Magnetrol International, Inc. 910 Datasheet HTML 2Page - Magnetrol International, Inc. 910 Datasheet HTML 3Page - Magnetrol International, Inc. 910 Datasheet HTML 4Page - Magnetrol International, Inc. 910 Datasheet HTML 5Page - Magnetrol International, Inc. 910 Datasheet HTML 6Page - Magnetrol International, Inc. 910 Datasheet HTML 7Page - Magnetrol International, Inc. 910 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Application Guidelines
Over 25 years of experience with ultrasonic gap
switch technology has made the ECHOTEL
brand a world leader in liquid level switches.
Today’slineoffersthreedistinctproductofferings:
• Forapplicationswhereself-testisn’t
required,oureconomical Model 910 with
continuous wave technologyisareliableswitch
withatip-sensitivetransducer.
• Though OEM priced, our compact Models
940/941
offer both advanced tip-sensitive
transducers and pulsed signal technology.
• Single Point Model 961 and Dual Point
Model 962
offer tip-sensitive transducers, pulsed
signal technology, advanced self-test and a time
delay feature.
Models 961/962 represent the pinnacle of
ultrasonic switch development at Magnetrol®.
Their continuous self-testing of electronics,
transducer, piezoelectric crystals, and testing
for electromagnetic noise, alarms the user of a
malfunction or the presence of EMI/RFI noise.
An adjustable time delay of 0.5 to 45 seconds helps
curtail nuisance alarms and relay chattering.
With extensive FM, CSA, and ATEX approvals
the Models 961/962 are suitable for virtually any
hazardous location. Their SFF* value of over 90%
makes them suitable for use in Safety Integrity Level
(SIL) 2 loops. Having either relay output or mA current
shift capability, Models 961/962 can be used for more
process applications, making them the most universal
liquid level switches available today.
Advantages and Limitations
The advantages of contact level sensing using
ultrasonic technologies are:
• Low cost single and dual point sensing.
• Accurate and reliable in a wide variety of liquids.
• Unliketuningforks,nodensityadjustmentsrequired.
• Easy installation and simple configuration.
• A broad range of available sensor materials.
• Transmits a stable signal despite liquid property
changes in specific gravity, conductivity, pH, and
dielectric or temperature shifts.
• Switches are 100% electronic and
contain no moving parts which can
degrade or require high maintenance.
Certain process conditions may interfere with the
ultrasonic signal. These conditions include:
• Slurries with a very high percentage of solids.
• Extreme aeration of the liquid.
• Liquids which generate crystallized coatings.
• Very aggressive turbulence and splashing.
3
Model
Ultrasonic Technology
Set Points
Output
Mounting
SIL Loop 3-A
Self-Test Time Delay
910
Continuous Wave
Single
Relay
Integral
N.A.
940
Pulsed Signal
Single
Relay
Integral
2
941
Pulsed Signal
Single
Current Shift (CS)
Integral
1
961
Pulsed Signal
Single
Relay or CS
Integral or Remote
2
I
I
I
962
Pulsed Signal
Dual
Relay or CS
Integral or Remote
2
II
At a Glance:
Contact Ultrasonic Switches
25+ Years of Ultrasonic Measurement Solutions for Industrial Process
M
O VING
P
%
ELECTRO
910
*
In the language of Safety Instrumented Systems (SIS), Safe Failure Fraction (SFF) indicates all safe and dangerous detected failures. The
Models 940 and 961/962 SFF values are over 90%, which allows them to be used in SIL
2loops.
940/941
961



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com