Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910 Datasheet(PDF) 7 Page - Magnetrol International, Inc.

Part # 910
Description  ECHOTEL짰CONTACTULTRASOUND
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

910 Datasheet(HTML) 7 Page - Magnetrol International, Inc.

  910 Datasheet HTML 1Page - Magnetrol International, Inc. 910 Datasheet HTML 2Page - Magnetrol International, Inc. 910 Datasheet HTML 3Page - Magnetrol International, Inc. 910 Datasheet HTML 4Page - Magnetrol International, Inc. 910 Datasheet HTML 5Page - Magnetrol International, Inc. 910 Datasheet HTML 6Page - Magnetrol International, Inc. 910 Datasheet HTML 7Page - Magnetrol International, Inc. 910 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
961/962 Electronics Specifications
With Current Shift Output
Supply Voltage:
11 to 35 VDC
Output:
Normal:
8 mA
Alarm Condition:
16 mA
Malfunction:
3.6 mA or 22 mA selectable
Loop Resistance:
104 ohms with 11 VDC input,
1100 ohms with 35 VDC input
Fail-Safe:
Field selectable, high or low level
Power Consumption:
Less than 1 watt
Ambient Temperature:
-40° to +160° F (-40° to +71° C)
With Relay Output
Supply Voltage:
102 to 265 VAC, or 18 to 32 VDC
Relay Outputs:
961:
One DPDT level relay and one
SPDT malfunction relay
962:
Two DPDT level relays and one
SPDT malfunction relay
Relay Ratings:
DPDT:
5 amps @ 120 VAC, 250 VAC, and
30 VDC, 0.15 amp @ 125 VDC
SPDT:
5 amps @ 120 VAC, 250 VAC, and
30 VDC, 0.15 amp @ 125 VDC
Fail-Safe:
Field selectable, high or low level
Power Consumption:
Less than 3 watts
Ambient Temperature:
-40° to +160° F (-40° to +71° C)
Transducer Material
Operating Temperature Range
Maximum Pressure
Actuation Length
316 Stainless Steel:
-40° to +325° F (-40° to +163° C)
2000 psig (138 bar)
1" and 2" (3 and 5 cm)
316 Stainless Steel:
-40° to +325° F (-40° to +163° C)
1500 psig (103 bar)
3" to 130" (6 to 330 cm)
Hastelloy® C-276®:
-40° to +325° F (-40° to +163° C)
2000 psig (138 bar)
1" and 2" (3 and 5 cm)
Hastelloy C-276:
-40° to +325° F (-40° to +163° C)
1500 psig (103 bar)
3" to 130" (6 to 330 cm)
Monel®:
-40° to +325° F (-40° to +163° C)
1200 psig (83 bar)
1" to 130" (3 to 330 cm)
Kynar® (NPT rating):
-40° to +250° F (-40° to +121° C)
200 psig (14 bar)
2" to 130" (5 to 330 cm)
CPVC (NPT rating):
-40° to +180° F (-40° to +82° C)
200 psig (14 bar)
2" to 130" (5 to 330 cm)
961 Single Point Transducer Specifications
962 Dual Point Transducer Specifications
Transducer Material
Operating Temperature Range
Maximum Pressure
Actuation Length
316 Stainless Steel:
-40° to +325° F (-40° to +163° C)
1500 psig (103 bar)
5" to 130" (13 to 330 cm)
CPVC (NPT rating):
-40° to +180° F (-40° to +82° C)
200 psig (14 bar)
5" to 130" (13 to 330 cm)
Repeatability:
+/- 0.078" (2 mm)
Response Time:
0.5 second typical
Time Delay:
Variable 0.5 to 45 seconds
on rising and falling levels
Self-Test:
Automatic:
Continuously verifies
operation of electronics,
transducer, piezoelectric
crystals, and electrical noise
Manual:
Push button verifies
operation of electronics,
transducer, and piezoelectric
crystals
Shock Class:
ANSI/ISA-S71.03 Class SA1
Vibration Class:
ANSI/ISA-S71.03 Class VC2
Humidity:
0 – 99%, non-condensing
Compatibility:
Meets CE Electromagnetic
requirements EN 61326
961/962 Performance Specifications
3-A Authorized
(Model 961)
Suitable for
SIL 2 Loops
Worldwide Safety
Approvals



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com