Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

940 Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # 940
Description  ECHOTEL짰CONTACTULTRASOUND
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

940 Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  940 Datasheet HTML 1Page - Magnetrol International, Inc. 940 Datasheet HTML 2Page - Magnetrol International, Inc. 940 Datasheet HTML 3Page - Magnetrol International, Inc. 940 Datasheet HTML 4Page - Magnetrol International, Inc. 940 Datasheet HTML 5Page - Magnetrol International, Inc. 940 Datasheet HTML 6Page - Magnetrol International, Inc. 940 Datasheet HTML 7Page - Magnetrol International, Inc. 940 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
940/941LevelSwitches
Economical, very compact switches with pulsed
signal technology and tip-sensitive transducers.
High cost-benefit ratio for OEM switch users.
High-Performance Ultrasound
Pulsed signal technology excels in difficult
conditions that may cause other ultrasonic
switches to falter. This technology also provides
excellent immunity from electrical noise that is
common in many industrial applications.
Choice of Electronics
Model 940 Relay Version offers a 1 amp
SPDT relay output.
Model 941 Current-Shift Version offers a mA
current shift output.
Suitable for SIL Loops
Safety Integrity Level (SIL) data is available for
the 940/941 switches in the form of a Failure
Modes, Effects and Diagnostic Analysis
(FMEDA) report. The Model 940 is suitable
for use in SIL 2 loops, and the Model 941 is
suitable for use in SIL 1 loops.
CONTROL FUNCTIONS:
• Pump protection
• Fill line monitoring
• Interstitial space leak detection
• High or low level alarm
OF SPECIAL INTEREST TO:
• OEM Applications
• Pharmaceutical Plants
• Food Processors
Liquid Level Applications
Model 940/941 Specifications
Power Supply:
12 to 35 VDC
Power Consumption:
Less than 1 Watt
Signal Output (940):
SPDT relay, 1 amp @ 30 VDC, 0.5
amp@125 VDC, 0.5 amp @150 VAC
Signal Output (941):
8 mA (±1 amp) Dry Gap
16 mA (±1 amp) Wet Gap
Cabling:
12'' (305 mm) flying leads of
18 AWG wires
Repeatability:
0.078'' (2 mm)
Response Time:
0.5 second typical
Ambient Temperature:
-40° to +185° F (-40° to +85° C)
Process Temperature:
-40° to +185° F (-40° to +85 °C)
Maximum Pressure:
2000 psig (138 bar); 1500 psig (103
bar) for transducers over 2'' (5 cm)
Ingress Protection:
NEMA 4X (IP66)
Shock:
ANSI/ISA-S71.03 Class SA1
Vibration:
ANSI/ISA-S71.03 Class VC2
5
3/4” NPT
Fitting
Tri-Clamp
Fitting
ANSI
Fitting



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com