Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

940 Datasheet(PDF) 2 Page - Magnetrol International, Inc.

Part # 940
Description  ECHOTEL짰CONTACTULTRASOUND
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

940 Datasheet(HTML) 2 Page - Magnetrol International, Inc.

  940 Datasheet HTML 1Page - Magnetrol International, Inc. 940 Datasheet HTML 2Page - Magnetrol International, Inc. 940 Datasheet HTML 3Page - Magnetrol International, Inc. 940 Datasheet HTML 4Page - Magnetrol International, Inc. 940 Datasheet HTML 5Page - Magnetrol International, Inc. 940 Datasheet HTML 6Page - Magnetrol International, Inc. 940 Datasheet HTML 7Page - Magnetrol International, Inc. 940 Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
U
ltrasound technology was developed during
WWII under the acronym SONAR (SOund
Navigation And Ranging). First applied to
process control in the 1960s, ultrasonic level measure-
ment continues to play a significant role in liquid level
measurement to this day.
Ultrasonic instruments are made
for both contact and non-contact
(or through-air) level sensing. This
brochure focuses on the Echotel® line
of contact ultrasonic products that
provide single and dual point liq-
uid level measurement in
virtually every process industry.
Continuous-Wave and
Pulsed-Signal Sensing
Ultrasonic contact level sensing
is achieved by either continuous-
wave or pulsed-signal technology.
Our Model 910 continuous-wave
switch uses two piezoelectric
crystals positioned opposite each
other across the transducer gap.
The transmit crystal generates an acoustical signal
which the receive crystal converts into an electrical
signal. When liquid is present in the transducer gap,
the amplifier becomes as oscillator causing a relay
circuit in the electronics to indicate a wet gap
condition. When liquid vacates the gap, the amplifier
returns to an idle state.
Pulsed-signal Models 940/941 and 961/962 feature
a digital electronic amplifier
which produces a powerful
pulse of ultrasonic energy five
to ten times stronger than most
continuous wave units. This
pulsed-signal technology will
provide more accurate measure-
ment in conditions of aeration,
suspended solids, turbulence,
and highly viscous liquids.
Thetransmitcrystalofpulse-
signalunitsgeneratespulsesof
high-frequencyultrasonic
energyonlymillisecondsin
duration.Inbetweeneachpulse
thereceivecrystal“listens”forthe
transmission.Ifliquidispresent
inthegapthereceivecrystal
detectsthepulseandreportsa
wetgapconditiontotheelectronics.Whenthegapisfilled
withair,thereceivecrystalcannotdetectthepulse,and
reportsadrygapcondition.
2
Contact Ultrasonic Level Sensing
Contact ultrasonic level switches
use ceramic discs called piezo-
electric crystals to transmit and
receive ultrasonic energy. A
transmit crystal (T) is positioned
on one side of a transducer gap
and a receive crystal (R) is posi-
tioned on the opposite side. Tip-
sensitive style gaps—the only
style used on Echotel
® switches—
can sense level to within 1⁄4" from
the end of the transducer.
Challenging process conditions such as
suspended solids or aeration are best
managed with pulsed-signal technology.
Models 961/962 switches further minimize
the effects of mild turbulence or splashing
with adjustable time delays.
TR
FROM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com