Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6674 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6674
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6674 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6674 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6674 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
2
isc Silicon NPN Power Transistors
2N6674/6675
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
2N6674
300
V(BR)CEO
Collector-Emitter
Breakdown Voltage
2N6675
IC= 200mA ; IB= 0
400
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 10A; IB= 2A
1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 15A; IB= 5A
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 10A; IB= 2A
1.5
V
2N6674
VCE= 450V; VBE= -1.5V
0.1
ICEX
Collector
Cutoff Current
2N6675
VCE= 650V; VBE= -1.5V
0.1
mA
2N6674
VCB= 450V; IE= 0
1.0
ICBO
Collector
Cutoff Current
2N6675
VCB= 650V; IE= 0
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 7V; IC= 0
2.0
mA
hFE-1
DC Current Gain
IC= 1A ; VCE= 3V
15
40
hFE-2
DC Current Gain
IC= 10A ; VCE= 2V
8
20
COB
Output Capacitance
IE= 0; VCB= 10V; ftest= 1MHz
500
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com