Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6674 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N6674
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6674 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N6674 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6674 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistors
2N6674/6675
DESCRIPTION
·High Power Dissipation
·High Switching Speed
·Collector-Emitter Breakdown Voltage-
:
V(BR)CEO= 300V(Min)- 2N6674
= 400V(Min)- 2N6675
APPLICATIONS
Designed for high voltage switching applications such as:
·Switching regulators
·Inverters
·Solenoid and relay drivers
·Deflection circuits
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.0
℃/W
SYMBOL
PARAMETER
VALUE
UNIT
2N6674
450
VCBO
Collector-Base Voltage
2N6675
650
V
2N6674
300
VCEO
Collector-Emitter Voltage
2N6675
400
2N6674
450
VCEX
Collector-Emitter Voltage
2N6675
650
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
15
A
IB
Base Current-Continuous
5.0
A
Collector Power Dissipation@Ta=25℃
6
PC
Collector Power Dissipation@TC=25℃
175
W
TJ
Junction Temperature
200
℃
Tstg
Storage Temperature
-65~200
℃


Similar Part No. - 2N6674

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6674 MICROSEMI-2N6674 Datasheet
60Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N6674 CENTRAL-2N6674 Datasheet
53Kb / 1P
Power Transistors
logo
Microsemi Corporation
2N6674 MICROSEMI-2N6674 Datasheet
344Kb / 3P
NPN Darlington Transistors
logo
Savantic, Inc.
2N6674 SAVANTIC-2N6674 Datasheet
111Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6674 JMNIC-2N6674 Datasheet
154Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N6674

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com