Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-HF30-9DM Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # B40-HF30-9DM
Description  B40-P & B40-H Liquid Level Switch ASME B31.1 Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-HF30-9DM Datasheet(HTML) 6 Page - Magnetrol International, Inc.

  B40-HF30-9DM Datasheet HTML 1Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 2Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 3Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 4Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 5Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 6Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 7Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
B4
0
H
6
MATERIALS OF CONSTRUCTION/PRESSURE RATING PSI (BAR)
M O D E L
N U M B E R
BASIC MODEL
B40-H
B40-H Liquid Level Switch for Temperatures Above +750° F (+399° C)
Œ Float material based on availability. Both 321SS and 347SS
are stabilized austenitic stainless steels.
 Consult factory for TYPE 4X/7/9 cast iron housings.
Ž Aluminum enclosure limited to +750° F (+399° C) in
hazardous locations.
 Process temperature based on +100° F (+38° C) ambient.
 On steam applications, temperature down rated to +400° F
(+204° C) process at +100° F (+38° C) ambient.
Chamber Material
Float
Material
Tank
Connection
Minimum
S.G.
Temperature °F (°C)
750
800
1000
F30
P11/F11
Chrome-Moly
321/347 SSŒ
1" butt-weld
0.65
1552
(107)
1510
(104)
661
(46)
B60
1" socket weld
C40
A312/A479
T316/316L SS
11/2" socket weld
3169
(218)
3129
(216)
3011
(208)
Switch
Description
Process
Temperature
Range

One Set
Point
CS/Aluminum
Cast Iron
TYPE 4X
Class
I
, Div 1,
Groups C & D
Class
I
, Div 1,
Group B
Series R
Snap Switch
-40° to +1000° F
(-40° to +538° C)
SPDT
R1M
RKM
RKW
DPDT
RDM
RNM
RNW
Series 9
Hermetically
Sealed Snap
Switch
-50° to +1000° F
(-46° to +538° C)
SPDT
9AM
9KM
9KW
DPDT
9DM
9NM
9NW
ELECTRIC SWITCH MECHANISM AND ENCLOSURE FOR MODEL B40-HXXX ONLY



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com