Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40-HF30-9DM Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # B40-HF30-9DM
Description  B40-P & B40-H Liquid Level Switch ASME B31.1 Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B40-HF30-9DM Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  B40-HF30-9DM Datasheet HTML 1Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 2Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 3Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 4Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 5Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 6Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 7Page - Magnetrol International, Inc. B40-HF30-9DM Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
B40-P & B40-H
Liquid Level Switch
ASME B31.1 Compliant
D E S C R I P T I O N
Magnetrol B40-P & B40-H liquid level switches are
utilized
in
high
pressure,
high
temperature
service
conditions. They are designed, constructed and certified
to the ASME B31.1 Power Piping code.
F E A T U R E S
• Choices of chamber materials are carbon steel,
stainless steel and chrome-moly
• 300 series stainless steel float
• Choice of switch mechanism:
Dry contact
Hermetically sealed
• Minimum specific gravity 0.65
• Choice of switch mechanism enclosure:
TYPE 4X polymer coated steel
TYPE 4X/7/9 Class I, Div. 1, Groups C & D,
polymer coated aluminum or cast iron
TYPE 4X/7/9 Class I, Div. 1, Group B,
polymer coated aluminum or cast iron
• Choice of tank connection:
1" butt welds
1" or 1
1⁄2" socket welds
O P T I O N S
• ATEX housing
• Flanged connections
• Temperature extensions
• Low specific gravity calibration
• Additional QC testing
A P P L I C A T I O N S
• Accumulators
• Receivers
• Flash tanks
• Knock-out drums
• Storage tanks
• Separators
• Drip Legs


Similar Part No. - B40-HF30-9DM

ManufacturerPart #DatasheetDescription
logo
Coto Technology
B40-0002 COTO-B40-0002 Datasheet
96Kb / 2P
4-Channel RF Relays
B40-0003 COTO-B40-0003 Datasheet
96Kb / 2P
4-Channel RF Relays
logo
EIC discrete Semiconduc...
B40-1500R EIC-B40-1500R Datasheet
23Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Magnetrol International...
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
Liquid Level Switches
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
B40 Liquid Level Switch
More results

Similar Description - B40-HF30-9DM

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B35-PS56-JHF MAGNETROL-B35-PS56-JHF Datasheet
472Kb / 36P
Liquid Level Switches ASME B31.1 Construction
B35-PS56-KOH MAGNETROL-B35-PS56-KOH Datasheet
492Kb / 24P
Liquid Level Switches ASME B31.1, ASME B31.3 and NACE Construction
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
B40 Liquid Level Switch
logo
TriQuint Semiconductor
885043 TRIQUINT-885043_15 Datasheet
340Kb / 1P
B38/B40 Tx filters
logo
Qorvo, Inc
QPQ1287 QORVO-QPQ1287 Datasheet
777Kb / 9P
TDD B40 BAW Band Pass Filter (100MHz)
logo
WALSIN TECHNOLOGY CORPO...
RFBLN10052G5W37N2T WALSIN-RFBLN10052G5W37N2T Datasheet
547Kb / 7P
LTE B40/B41 Band Application Band Working Frequency
RFBLN10052G5WM9T16 WALSIN-RFBLN10052G5WM9T16 Datasheet
565Kb / 7P
LTE B40/B41 Band Application Band Working Frequency
RFBLN16082G5W38Q1C WALSIN-RFBLN16082G5W38Q1C Datasheet
567Kb / 7P
LTE B38/B40 Band Working Fequency
RFLPF16082G5WM0T29 WALSIN-RFLPF16082G5WM0T29 Datasheet
574Kb / 7P
LTE B40/B41 Application
logo
Qorvo, Inc
QPQ1281 QORVO-QPQ1281 Datasheet
935Kb / 9P
TDD B40 Band Pass Filter ??70MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com