Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW226N Datasheet(PDF) 4 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW226N
Description  N-channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW226N Datasheet(HTML) 4 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW226N Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW226N Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW226N Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW226N Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW226N Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW226N Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW226N Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Fig. 9. Maximum drain current vs.
case temperature.
Fig. 8. On resistance variation
vs. junction temperature
Fig. 10. Maximum safe operating area
Fig. 11. Transient thermal response curve
Fig 7. Breakdown Voltage Variation
vs. Junction Temperature
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
،ط Notes :
1. V
GS
= 0 V
2. I
D
= 250 ¥ىA
T
J
, Junction Temperature [
oC]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
DC
10 ms
1 ms
100 s
Operation in This Area
is Limited by R
DS(on)
،ط Notes :
1. T
C
= 25
oC
2. T
J
= 150
oC
3. Single Pulse
V
DS
, Drain-Source Voltage [V]
25
50
75
100
125
150
0
1
2
3
4
5
T
C'
Case Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
،ط Notes :
1. Z
¥èJC
(t) = 1.25 ،ة/W Max.
2. Duty Factor, D=t
1
/t
2
3. T
JM
- T
C
= P
DM
* Z
¥èJC
(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1
, Square Wave Pulse Duration [sec]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
J
, Junction Temperature [
oC]
SW226N
SAMWIN
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com