Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW226N Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW226N
Description  N-channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW226N Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW226N Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW226N Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW226N Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW226N Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW226N Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW226N Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW226N Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Features
■ High ruggedness
■ R
DS(ON) (Max 2.3 Ω)@VGS=10V
■ Gate Charge (Typ 18nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. This power MOSFET is usually used at high efficient DC to DC
converter block and switch mode power supply.
N-channel MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to Source Voltage
600
V
I
D
Continuous Drain Current (@T
C=25
oC)
4.0
A
Continuous Drain Current (@T
C=100
oC)
2.2
A
I
DM
Drain current pulsed
(note 1)
16
A
V
GS
Gate to Source Voltage
± 30
V
E
AS
Single pulsed Avalanche Energy
(note 2)
220
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
10.6
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
4.5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
54
W
Derating Factor above 25oC
0.43
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
R
thjc
Thermal resistance, Junction to case
2.3
oC/W
R
thja
Thermal resistance, Junction to ambient
110
oC/W
Mar. 2011. Rev. 2.0
1/7
BV
DSS : 600V
I
D
: 4.0A
R
DS(ON) : 2.3ohm
1
2
3
1. Gate 2. Drain 3. Source
1
2
3
1 2
3
TO-251
TO-252
SW226N
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SW I 226N
SW226N
TO-251
TUBE
2
SW D 226N
SW226N
TO-252
REEL
Order Codes


Similar Part No. - SW226N

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW226NV SEMIPOWER-SW226NV Datasheet
839Kb / 5P
N-channel MOSFETAbsolute
More results

Similar Description - SW226N

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com