Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4N65 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW4N65
Description  N-channel MOSFET (TO-251 , TO-252)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW4N65 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW4N65 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SW4N65 Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Features
■ High ruggedness
■ R
DS(ON) (Max 2.6 Ω)@VGS=10V
■ Gate Charge (Typ 19nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. This power MOSFET is usually used at high efficient DC to DC
converter block and switch mode power supply.
N-channel MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-251
V
DSS
Drain to Source Voltage
650
V
I
D
Continuous Drain Current (@T
C=25
oC)
4.0
A
Continuous Drain Current (@T
C=100
oC)
2.6
A
I
DM
Drain current pulsed
(note 1)
16
A
V
GS
Gate to Source Voltage
± 30
V
E
AS
Single pulsed Avalanche Energy
(note 2)
143
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
10.6
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
4.5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
54
W
Derating Factor above 25oC
0.43
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
R
thjc
Thermal resistance, Junction to case
2.3
oC/W
R
thja
Thermal resistance, Junction to ambient
83
oC/W
Mar. 2011. Rev. 2.0
1/7
BV
DSS : 650V
I
D
: 4.0A
R
DS(ON) : 2.6ohm
1
2
3
1. Gate 2. Drain 3. Source
1
2
3
1
2
3
TO-251
TO-252
SW4N65
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SW I 4N65
SW4N65
TO-251
TUBE
2
SW D 4N65
SW4N65
TO-252
REEL
Order Codes


Similar Part No. - SW4N65

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW4N65 SEMIPOWER-SW4N65 Datasheet
775Kb / 7P
N-channel MOSFET (TO-220F , TO-220)
SW4N65DA SEMIPOWER-SW4N65DA Datasheet
735Kb / 6P
N-channel Enhanced mode TO-220F/TO-251N/TO-252/TO-251NX-S4 MOSFET
SW4N65DB SEMIPOWER-SW4N65DB Datasheet
768Kb / 6P
N-channel Enhanced mode TO-251 MOSFET
SW4N65DC SEMIPOWER-SW4N65DC Datasheet
577Kb / 6P
N-channel Enhanced mode TO-251/TO-251N-S2 MOSFET
SW4N65DD SEMIPOWER-SW4N65DD Datasheet
725Kb / 6P
N-channel Enhanced mode TO-251N/TO-251N-S2/TO-220F/TO-220SF MOSFET
More results

Similar Description - SW4N65

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWI2N60 SEMIPOWER-SWI2N60 Datasheet
724Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SWI50N06A SEMIPOWER-SWI50N06A Datasheet
494Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SW13N65K2 SEMIPOWER-SW13N65K2 Datasheet
722Kb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW051R08ES-1 SEMIPOWER-SW051R08ES-1 Datasheet
654Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
N-channel Enhanced mode TO-252/TO-251 MOSFET
SW3N90U SEMIPOWER-SW3N90U Datasheet
887Kb / 7P
N-channel Enhanced mode TO-251/TO-251M/TO-252 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
SW70N10V SEMIPOWER-SW70N10V Datasheet
1,000Kb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220 MOSFET
SW80N04V SEMIPOWER-SW80N04V Datasheet
804Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com