Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1255 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB1255
Description  Silicon PNP Darlington Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB1255 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB1255 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB1255 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SB1255 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
2SB1255
DESCRIPTION
・With TO-3PFa package
・Optimum for 90W Hi-Fi output
・High foward current transfer ratio hFE
・Low collector-emitter saturation voltage
・Complement to type 2SD1895
APPLICATIONS
・Power amplification
PINNING
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-160
V
VCEO
Collector-emitter voltage
Open base
-140
V
VEBO
Emitter-base voltage
Open collector
-8
V
IC
Collector current
-15
A
ICP
Collector current-peak
-12
A
TC=25℃
100
PC
Collector power dissipation
3
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃


Similar Part No. - 2SB1255

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1255 PANASONIC-2SB1255 Datasheet
74Kb / 3P
Silicon PNP epitaxial planar type Darlington(For power amplification)
logo
Savantic, Inc.
2SB1255 SAVANTIC-2SB1255 Datasheet
122Kb / 3P
Silicon PNP Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SB1255 JMNIC-2SB1255 Datasheet
168Kb / 3P
Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1255 SAVANTIC-2SB1255 Datasheet
124Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB1255 NJSEMI-2SB1255 Datasheet
134Kb / 2P
Silicon PNP Darlington Power Transistor
More results

Similar Description - 2SB1255

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6667 ONSEMI-2N6667 Datasheet
168Kb / 6P
DARLINGTON POWER TRANSISTORS(PNP SILICON )
April, 2002 ??Rev. 4
logo
NEC
2SB795 NEC-2SB795 Datasheet
149Kb / 3P
PNP SILICON DARLINGTON POWER TRANSISTORS
logo
Savantic, Inc.
2SB1255 SAVANTIC-2SB1255 Datasheet
122Kb / 3P
Silicon PNP Darlington Power Transistors
logo
Micro Commercial Compon...
TIP125 MCC-TIP125_11 Datasheet
224Kb / 2P
Silicon PNP Darlington Power Transistors
logo
Inchange Semiconductor ...
2SB1559 ISC-2SB1559 Datasheet
161Kb / 4P
Silicon PNP Darlington Power Transistors
2SB1625 ISC-2SB1625 Datasheet
142Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1626 ISC-2SB1626 Datasheet
133Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1647 ISC-2SB1647 Datasheet
139Kb / 3P
Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1588 SAVANTIC-2SB1588 Datasheet
144Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1625 SAVANTIC-2SB1625 Datasheet
143Kb / 3P
Silicon PNP Darlington Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com