Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

355 Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # 355
Description  Introducing Full-featured Level Transmitters with a User-friendly Price Point.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

355 Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  355 Datasheet HTML 1Page - Magnetrol International, Inc. 355 Datasheet HTML 2Page - Magnetrol International, Inc. 355 Datasheet HTML 3Page - Magnetrol International, Inc. 355 Datasheet HTML 4Page - Magnetrol International, Inc. 355 Datasheet HTML 5Page - Magnetrol International, Inc. 355 Datasheet HTML 6Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
355
Ultrasonic Transmitter
R82
Radar Transmitter
A P P L I C A T I O N S U I T A B I L I T Y
MEASUREMENT CAPABILITY
Level, Volume, or Open Channel Flow
Level or Volume
VESSEL TYPES
Open or Closed
Closed only
VOLUME
Selectable from stored tank shapes
Utilizes 20-point table
RANGE
13" to 20 feet (0.3 to 6 meters)
Recommended
Recommended
20 to 40 feet (6 to 12 meters)
Not Recommended
Recommended
NARROW SHOT w/ OBSTRUCTIONS
Recommended
Not Recommended
PLASTIC STILLWELL
Recommended
Not Recommended
STEEL STILLWELL
Recommended
Recommended
TEMPERATURE GRADIENTS
Not Recommended
Recommended
PRESSURE
Vacuum
Not Recommended
Recommended
Atmospheric
Recommended
Recommended
to 43.5 psig (3 bar)
43.5 psig (3 bar)
Not Recommended
Recommended
to 200 psig (13.8 bar)
VAPORS
Not Recommended
Recommended
AGGRESSIVE MEDIA
Recommended with Kynar® transducer
Recommended with Tefzel® antenna
CO
2 GAS
Not Recommended
Recommended
HYGIENIC, CIP/SIP APPLICATIONS
Not Recommended
Recommended



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com