Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

355 Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # 355
Description  Introducing Full-featured Level Transmitters with a User-friendly Price Point.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

355 Datasheet(HTML) 6 Page - Magnetrol International, Inc.

  355 Datasheet HTML 1Page - Magnetrol International, Inc. 355 Datasheet HTML 2Page - Magnetrol International, Inc. 355 Datasheet HTML 3Page - Magnetrol International, Inc. 355 Datasheet HTML 4Page - Magnetrol International, Inc. 355 Datasheet HTML 5Page - Magnetrol International, Inc. 355 Datasheet HTML 6Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CORPORATE HEADQUARTERS:
EUROPEAN HEADQUARTERS:
U.S.A. 5300 Belmont Road Downers Grove, Illinois 60515-4499
BELGIUM: Heikensstraat 6 9240 Zele, Belgium
Phone: 630-969-4000 Fax: 630-969-9489
Phone: 052 45.11.11 Fax: 052 45.09.93
info@magnetrol.com www.magnetrol.com
Echotel is a registered trademark of Magnetrol International. HART is a registered trademark of The HART Communication Foundation. Lexan is a registered
trademark of SABIC Innovative Plastics. PACTware is a trademark of the PACTware Consortium. Kynar is a registered trademark of Atofina. Tefzel is a registered
trademark of E.I. du Pont de Nemours & Co., Inc. ©2009 Magnetrol International, Incorporated. All rights reserved. Printed in the USA.
Bulletin: 41-231.1 • Effective: September 2009
Worldwide Level and Flow Solutions
SM
PERFORMANCE
Linearity ±0.2 inch (±5 mm) or 0.05% of tank height
(whichever is greater)
Measured Error Same as above
Repeatability < 0.1" (2.5 mm) or 0.03% of tank height
Response Time < 1 second
Maximum Rate of Change 180" (460 cm)/minute
Minimum Dielectric 1.7
FUNCTIONAL
Measurement Principle Pulse Burst Radar at 26 GHz
Range 15 inches to 40 feet (0.4 to 12 meters)
Output Range Analog 3.8 to 20.5 mA useable
(NAMUR 43); with HART
Loop Resistance GP/IS: 400
Ω @ 24 VDC/20 mA,
350
Ω @ 24 VDC/22 mA
Damping Adjustable 0-45 units
Output @ Antenna < 0.01 mW (avg.), < 2 mW (max.)
Keypad 4-button menu-driven data entry and system security
Indication 2-line
× 16-character LCD
Power GP/IS 16 to 36 VDC
Housing Material Lexan base and cover;
Cast aluminum A356T6 (<0.2% copper)
Cable Entry Two
3
4" NPT or M20 entries
Ingress Protection Type 6P (IP 68) – Aluminum housing
Antenna Encapsulated horn, polypropylene, Tefzel (optional)
-40° to +200° F @ atmos (-40° to 95° C)
Wetted Surfaces Polypropylene or Tefzel
PHYSICAL
Operating Temperature -40° to +175° F (-40° to +80° C)
Operating Pressure Vacuum to 200 psig @ +70° F
(-1 to 13.8 bar) – Tefzel
Humidity 0 to 99%, non-condensing
S P E C I F I C A T I O N S
355
R82
PERFORMANCE
Linearity ±0.4" (±10 mm)
Resolution 0.1" (2.5 mm)
Repeatability ±0.125" (±3 mm)
Response Time <1 second
Warm-up Time 30 seconds
FUNCTIONAL
Measurement Principle Non-Contact Ultrasonic
Transducer Frequency 60 kHz
Range 13 inches to 20 feet (0.3 to 6.0 meters)
Output Range Analog 3.8 to 20.5 mA useable
(NAMUR 43); with HART
Loop Resistance GP/IS: 400
Ω @ 24 VDC/20 mA,
350
Ω @ 24 VDC/22 mA
Damping 1–60 units
Keypad 4-button menu-driven data entry and system security
Indication 2-line x 16-character LCD
Power XP & GP: 16 to 36 VDC
IS: 16 to 28.6 VDC
Housing Material Lexan base and cover;
Cast aluminum A356T6 (<0.2% copper)
Cable Entry Two
3
4" NPT or M20 entries
Ingress Protection Type 6P (IP 68) – Aluminum housing
Transducer Encapsulated piezoelectric crystal,
polypropylene, Kynar (optional)
-40° to +175° F (-40° to +80° C)
Wetted Surfaces Polypropylene or Kynar (PVDF)
PHYSICAL
Operating Temperature -40° to +175° F (-40° to +80° C)
Operating Pressure 0 to 43.5 psig (0 to 3 bar)
Humidity 0 to 99%, non-condensing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com