Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85EPF12 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 85EPF12
Description  Fast Soft Recovery Rectifier Diode, 85 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

85EPF12 Datasheet(HTML) 3 Page - Vishay Siliconix

  85EPF12 Datasheet HTML 1Page - Vishay Siliconix 85EPF12 Datasheet HTML 2Page - Vishay Siliconix 85EPF12 Datasheet HTML 3Page - Vishay Siliconix 85EPF12 Datasheet HTML 4Page - Vishay Siliconix 85EPF12 Datasheet HTML 5Page - Vishay Siliconix 85EPF12 Datasheet HTML 6Page - Vishay Siliconix 85EPF12 Datasheet HTML 7Page - Vishay Siliconix 85EPF12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VS-85EPF12 Soft Recovery Series
www.vishay.com
Vishay Semiconductors
Revision: 17-Jun-11
3
Document Number: 93159
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Average Forward Current (A)
40
30
20
10
60
70
50
80
90
0
110
140
130
150
70
90
100
120
80
93159_01
R
thJC (DC) = 0.35 K/W
30°
60°
90°
120°
180°
Ø
Conduction angle
Average Forward Current (A)
80
60
40
20
100
120
140
0
90
110
130
140
150
70
80
100
120
R
thJC (DC) = 0.35 °C/W
30°
60°
90°
120°
180°
DC
93159_02
Conduction period
Ø
Average Forward Current (A)
10
20
30
90
50
70
40
60
80
0
0
140
160
120
100
80
60
20
40
180°
120°
90°
60°
30°
RMS limit
T
J = 150 °C
93159_03
Ø
Conduction angle
Average Forward Current (A)
20
40
60
140
100
80
120
0
0
160
200
120
180
140
100
80
60
20
40
93159_04
DC
180°
120°
90°
60°
30°
RMS limit
T
J = 150 °C
Conduction period
Ø
Number of Equal Amplitude Half
Cycle Current Pulses (N)
10
100
1
300
500
700
1000
400
600
800
1100
900
1200
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
93159_05
Pulse Train Duration (s)
0.1
1
0.01
300
500
700
1000
400
600
800
1200
1100
1300
900
1400
93159_06
Maximum non-repetitive surge current
versus pulse train duration.
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com