Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85EPF12 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 85EPF12
Description  Fast Soft Recovery Rectifier Diode, 85 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

85EPF12 Datasheet(HTML) 4 Page - Vishay Siliconix

  85EPF12 Datasheet HTML 1Page - Vishay Siliconix 85EPF12 Datasheet HTML 2Page - Vishay Siliconix 85EPF12 Datasheet HTML 3Page - Vishay Siliconix 85EPF12 Datasheet HTML 4Page - Vishay Siliconix 85EPF12 Datasheet HTML 5Page - Vishay Siliconix 85EPF12 Datasheet HTML 6Page - Vishay Siliconix 85EPF12 Datasheet HTML 7Page - Vishay Siliconix 85EPF12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VS-85EPF12 Soft Recovery Series
www.vishay.com
Vishay Semiconductors
Revision: 17-Jun-11
4
Document Number: 93159
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Recovery Time Characteristics, TJ = 25 °C
Fig. 9 - Recovery Time Characteristics, TJ = 150 °C
Fig. 10 - Recovery Charge Characteristics, TJ = 25 °C
Fig. 11 - Recovery Charge Characteristics, TJ = 150 °C
Fig. 12 - Recovery Current Characteristics, TJ = 25 °C
Instantaneous Forward Voltage (V)
0
0.5
1.0
1.5
2.5
3.5
2.0
3.0
4.0
4.5
1
10
1000
100
T
J = 150 °C
T
J = 25 °C
93159_07
0.04
0.08
0.14
0.20
0.06
0.10
0.16
0.12
0.18
0.22
0
dI/dt - Rate of Fall of Forward Current (A/μs)
200
160
120
80
40
T
J = 25 °C
I
FM = 1 A
I
FM = 10 A
I
FM = 20 A
I
FM = 80 A
I
FM = 125 A
I
FM = 40 A
93159_08
0
0.2
0.5
0.1
0.3
0.4
0.6
0
dI/dt - Rate of Fall of Forward Current (A/μs)
200
160
120
80
40
93159_09
I
FM = 1 A
I
FM = 10 A
I
FM = 20 A
I
FM = 80 A
I
FM = 40 A
T
J = 150 °C
0
1.0
3.0
0.5
1.5
2.0
4.0
2.5
3.5
0
dI/dt - Rate of Fall of Forward Current (A/μs)
200
160
120
80
40
93159_10
T
J = 25 °C
I
FM = 1 A
I
FM = 10 A
I
FM = 20 A
I
FM = 125 A
I
FM = 80 A
I
FM = 40 A
0
4
12
2
6
8
14
10
0
dI/dt - Rate of Fall of Forward Current (A/μs)
200
160
120
80
40
93159_11
I
FM = 1 A
I
FM = 10 A
I
FM = 20 A
I
FM = 80 A
I
FM = 40 A
T
J = 150 °C
0
8
18
4
12
6
2
10
14
22
16
20
0
dI/dt - Rate of Fall of Forward Current (A/μs)
200
160
120
80
40
93159_12
T
J = 25 °C
I
FM = 1 A
I
FM = 10 A
I
FM = 20 A
I
FM = 125 A
I
FM = 80 A
I
FM = 40 A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com