Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1383 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # B1383
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

B1383 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  B1383 Datasheet HTML 1Page - Inchange Semiconductor Company Limited B1383 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
2SB1383
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -25mA ,IB= 0
B
-120
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -12A ,IB= -24mA
-1.8
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -12A ,IB= -24mA
-2.5
V
ICBO
Collector Cutoff current
VCB= -120V, IE= 0
-10
μA
IEBO
Emitter Cutoff current
VEB= -6V, IC= 0
-10
mA
hFE
DC Current Gain
IC= -12A ; VCE= -4V
2000
COB
Output Capacitance
IE= 0; VCB= -10V; ftest= 1MHz
230
pF
fT
Current-Gain—Bandwidth Product
IE= 1A ; VCE= -12V
50
MHz
Switching Times
ton
Turn-On Time
1.0
μs
tstg
Storage Time
3.0
μs
tf
Fall Time
IC = -12A,IB1 = -IB2= -24mA;
VCC= -24V, RL= 2Ω
1.0
μs
isc Website:www.iscsemi.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com