Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B1383 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # B1383
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

B1383 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  B1383 Datasheet HTML 1Page - Inchange Semiconductor Company Limited B1383 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
2SB1383
DESCRIPTION
·High DC Current Gain
: hFE= 2000(Min.)@ IC= -12A, VCE= -4V
·High Collector-Emitter Breakdown Voltage-
: V(BR)CEO = -120V(Min)
·Complement to Type 2SD2083
APPLICATIONS
·Designed for driver of solenoid, motor and general
purpose applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-120
V
VCEO
Collector-Emitter Voltage
-120
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current-Continuous
-25
A
ICM
Collector Current-Peak
-40
A
IB
B
Base Current- Continuous
-2
A
PC
Collector Power Dissipation
@TC=25℃
120
W
Tj
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
isc Website:www.iscsemi.cn


Similar Part No. - B1383

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B1382 EDAL-B1382 Datasheet
116Kb / 1P
Silicon High Voltage Assembly
logo
Knowles Capacitors All ...
B138LA2S JOHANSONMANUFACTURING-B138LA2S Datasheet
1Mb / 5P
13.75 GHz Surface Mount Bandpass Filter
Jan 2024
B138LA2S-T JOHANSONMANUFACTURING-B138LA2S-T Datasheet
1Mb / 5P
13.75 GHz Surface Mount Bandpass Filter
Jan 2024
B138MB1S JOHANSONMANUFACTURING-B138MB1S Datasheet
1Mb / 5P
13.75GHz Surface Mount Bandpass Filter
Feb 2024
B138MB1S-T JOHANSONMANUFACTURING-B138MB1S-T Datasheet
1Mb / 5P
13.75GHz Surface Mount Bandpass Filter
Feb 2024
More results

Similar Description - B1383

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB727 ISC-2SB727 Datasheet
259Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1567 ISC-2SB1567 Datasheet
237Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com