Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R82 Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # R82
Description  PULSEBURSTRADAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

R82 Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button R82 Datasheet HTML 2Page - Magnetrol International, Inc. R82 Datasheet HTML 3Page - Magnetrol International, Inc. R82 Datasheet HTML 4Page - Magnetrol International, Inc. R82 Datasheet HTML 5Page - Magnetrol International, Inc. R82 Datasheet HTML 6Page - Magnetrol International, Inc. R82 Datasheet HTML 7Page - Magnetrol International, Inc. R82 Datasheet HTML 8Page - Magnetrol International, Inc. R82 Datasheet HTML 9Page - Magnetrol International, Inc. R82 Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
A
An
na
atto
om
my
y o
off a
a P
Pu
ullssa
arr T
Trra
an
nssm
miitttte
err a
an
nd
d S
Se
en
nsso
orr
Microwave Launcher
Antenna Configurations
Horn Antenna Materials
• 316/316L stainless steel
• Hastelloy® C
• Monel®
• Optional nozzle extensions:
4" (100 mm), 8" (200 mm)
and 12" (300 mm)
‚
ƒ
„
…
Electronics Compartment
‚
LCD Module
ƒ
Digital Board
„
Analog Board and XP Barrier
…
Mounting Plate
• TFE Dielectric Rod
• Polypropylene Dielectric Rod
• All-Polypropylene Dielectric Rod
• All-Halar Dielectric Rod
• 3 inch (75 mm) Horn (stillwell only)
• 4 inch (100 mm) Horn
• 6 inch (150 mm) Horn
Keypad
Process Connections
26 different sizes and types
Explosion-Proof Feedthrough
Field Wiring Compartment
Wiring board with terminal block
Pulsar’s dual enclosures orient wiring
and electronics on the same plane for
convenient wiring, configuration and
display. The display features a two-line,
eight-character LCD. A three-button
keypad provides the user interface.
Quick-Disconnect
Configuration via
keypad or optional
HART communicator.
No PC or laptop required.
•
Aluminum Compartment Covers and Base
Bottom cover has tempered, glass window
(optional 316 stainless steel cover and bases)
Allows vessel to remain
sealed
IS, XP and
Non-Incendive
Approvals
6
RX5
PULSAR
O-Ring Options
Viton® GFLT, EPDM, Kalrez® 4079, Aegis® PF128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com