Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R82 Datasheet(PDF) 8 Page - Magnetrol International, Inc.

Part # R82
Description  PULSEBURSTRADAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

R82 Datasheet(HTML) 8 Page - Magnetrol International, Inc.

Back Button R82 Datasheet HTML 4Page - Magnetrol International, Inc. R82 Datasheet HTML 5Page - Magnetrol International, Inc. R82 Datasheet HTML 6Page - Magnetrol International, Inc. R82 Datasheet HTML 7Page - Magnetrol International, Inc. R82 Datasheet HTML 8Page - Magnetrol International, Inc. R82 Datasheet HTML 9Page - Magnetrol International, Inc. R82 Datasheet HTML 10Page - Magnetrol International, Inc. R82 Datasheet HTML 11Page - Magnetrol International, Inc. R82 Datasheet HTML 12Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Housing Covers
TOP LEFT: Cast aluminum with
a tempered glass window.
TOP RIGHT: Lexan plastic with a
transparent cover.
Electronics Module
ABOVE: Module as positioned in
compartment shows LCD
and four-button keypad.
Housing Compartment
Shown in aluminum; available in
Lexan. Contains field wiring
compartment and electronics.
The Model R82 is a loop-powered,
26 GHz, non-contact radar transmitter
that performs liquid level and volume
measurements in enclosed vessels.
The R82 offers high-performance at
an economical price point to reliably
measure out to a 40 ft. (12 m) maxi-
mum range.
The Model R82 provides unsurpassed
ease of configuration with either the
menu-driven 4-pushbutton, 2-line x
16-character display, HART digital
communications, or PACTware. This
allows complete configuration via the
local user interface, or remotely with
the added capability of capturing
echo waveforms, and viewing trend
data, diagnostic conditions and all
transmitter configuration parameters.
Model R82 with a
cast aluminum
housing and a
Tefzel® antenna
(below); and a
Model 82 with a
Lexan® housing and
a polypropylene
antenna (right).
Radar Antenna
Shown in Tefzel;
available in
polypropylene.
Available in
two lengths.
Antenna horn is
encapsulated within
polypropylene or Tefzel.
Operating Principle The R82 is based on
pulse-burst radar technology together with equiv-
alent time sampling circuitry. Short bursts of 26
GHz microwave energy are emitted and subse-
quently reflected from the liquid level surface.
O-Ring
Aluminum Housing: Viton®
Lexan Housing: Buna-N
Anatomy of a Model R82 Radar Transmitter and Sensor
The all-new R82 is a high-performance level
transmitter whose low cost makes it ideal for
everyday level applications. Its launcher orien-
tation and echo-rejection profiling are simpli-
fied for easy use. Its microwave beam is rotat-
able for optimized operation.
R82
MODEL
Radome sheds
condensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com