Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1588 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB1588
Description  Silicon PNP Darlington Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB1588 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB1588 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB1588 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SB1588 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
1
Silicon PNP Darlington Power Transistors
2SB1588
DESCRIPTION
・
・With TO-3PML package
・Complement to type 2SD2439
APPLICATIONS
・Audio ,regulator and general purpose
PINNING
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Absolute maximum ratings(Tc=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-160
V
VCEO
Collector-emitter voltage
Open base
-150
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current
-10
A
IB
Base current
-1
A
PC
Collector power dissipation
TC=25℃
80
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃
Fig.1 simplified outline (TO-3PML) and symbol


Similar Part No. - 2SB1588

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SB1588 SANKEN-2SB1588 Datasheet
25Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
logo
Savantic, Inc.
2SB1588 SAVANTIC-2SB1588 Datasheet
142Kb / 3P
Silicon PNP Darlington Power Transistors
logo
New Jersey Semi-Conduct...
2SB1588 NJSEMI-2SB1588 Datasheet
76Kb / 2P
Silicon PNP Darlington Power Transistor
logo
Savantic, Inc.
2SB1588 SAVANTIC-2SB1588 Datasheet
144Kb / 3P
Silicon PNP Darlington Power Transistors
logo
Sanken electric
2SB1588 SANKEN-2SB1588 Datasheet
36Kb / 1P
Silicon PNP Epitaxial Planar Transistor
More results

Similar Description - 2SB1588

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6667 ONSEMI-2N6667 Datasheet
168Kb / 6P
DARLINGTON POWER TRANSISTORS(PNP SILICON )
April, 2002 ??Rev. 4
logo
NEC
2SB795 NEC-2SB795 Datasheet
149Kb / 3P
PNP SILICON DARLINGTON POWER TRANSISTORS
logo
Savantic, Inc.
2SB1255 SAVANTIC-2SB1255 Datasheet
122Kb / 3P
Silicon PNP Darlington Power Transistors
logo
Micro Commercial Compon...
TIP125 MCC-TIP125_11 Datasheet
224Kb / 2P
Silicon PNP Darlington Power Transistors
logo
Inchange Semiconductor ...
2SB1559 ISC-2SB1559 Datasheet
161Kb / 4P
Silicon PNP Darlington Power Transistors
2SB1625 ISC-2SB1625 Datasheet
142Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1626 ISC-2SB1626 Datasheet
133Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1647 ISC-2SB1647 Datasheet
139Kb / 3P
Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1588 SAVANTIC-2SB1588 Datasheet
144Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1625 SAVANTIC-2SB1625 Datasheet
143Kb / 3P
Silicon PNP Darlington Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com