Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD1 Datasheet(PDF) 5 Page - Magnetrol International, Inc.

Part # TD1
Description  THERMATEL짰THERMALDISPERSION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

TD1 Datasheet(HTML) 5 Page - Magnetrol International, Inc.

  TD1 Datasheet HTML 1Page - Magnetrol International, Inc. TD1 Datasheet HTML 2Page - Magnetrol International, Inc. TD1 Datasheet HTML 3Page - Magnetrol International, Inc. TD1 Datasheet HTML 4Page - Magnetrol International, Inc. TD1 Datasheet HTML 5Page - Magnetrol International, Inc. TD1 Datasheet HTML 6Page - Magnetrol International, Inc. TD1 Datasheet HTML 7Page - Magnetrol International, Inc. TD1 Datasheet HTML 8Page - Magnetrol International, Inc. TD1 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Mass Flow
Active
RTD
Heater
Reference
RTD
Mass
balancing
element
Transmitter
Thermatel switches rely on two miniature sensing
elements to detect heat transfer. Resistance Temperature
Detectors (RTDs) establish a thermal relationship that
establishes the basis for flow and level detection. One
RTD measures the temperature of the surrounding media
which serves as the instrument’s reference temperature.
The second RTD is heated to establish a temperature
differential above the reference temperature. In flow
sensing applications, the heated RTD cools with increas-
ing flow. In level sensing applications, the RTD cools in
the presence of media. In each case, cooling the heated
RTD decreases the differential temperature between the
two RTDs. This decrease is then converted into a relay
actuation which performs an alarm function.
Principle of Operation: Flow Meter
Thermal dispersion technology provides a mass flow
measurement of air or gas. This is accomplished by
precisely measuring the cooling effect as the mass (mole-
cular) flow passes the heated sensor. The sensor consists
of two elements: the reference which measures the tem-
perature of the gas and a second element which is heat-
ed at a variable power. This maintains the desired tem-
perature difference between the two sensors.
The illustration on the top of this page shows the
amount of power required to maintain a constant tem-
perature difference between the two sensors. Under low
mass flow conditions, there is minimal cooling and little
power is required. As the mass flow increases, more
power is required. This provides excellent low flow
sensitivity and high turndown capabilities.
Each instrument is factory calibrated and configured
for the specific application. If necessary, the TA2 can be
reconfigured in the field for different conditions.
Strengths

and Cautions

Direct mass flow measurement—does not require
pressure or temperature compensation which is
required by other technologies.

Thermatel offers excellent low flow sensitivity:
gas velocities from 25 ft/min (0.13 m/s) to over
50,000 ft/min (255 m/s).

Thermatel products are easy to install and
can be “hot tapped.”
An alternative flow meter technology should
be considered where condensed moisture is
continuously present.
Refer to Magnetrol bulletin 54-621 for further technical
information on Thermal Dispersion Mass Flow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com